Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7262BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7262BCPZ
Description  1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7262BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7262BCPZ Datasheet HTML 6Page - Analog Devices AD7262BCPZ Datasheet HTML 7Page - Analog Devices AD7262BCPZ Datasheet HTML 8Page - Analog Devices AD7262BCPZ Datasheet HTML 9Page - Analog Devices AD7262BCPZ Datasheet HTML 10Page - Analog Devices AD7262BCPZ Datasheet HTML 11Page - Analog Devices AD7262BCPZ Datasheet HTML 12Page - Analog Devices AD7262BCPZ Datasheet HTML 13Page - Analog Devices AD7262BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD7262
Rev. 0 | Page 10 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
0.6
–0.6
–0.4
–0.2
0
0.2
0.4
04000
3500
3000
2500
2000
1500
1000
500
CODE
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
PGA GAIN = 2
Figure 5. Typical DNL at Gain of 2
1.0
–1.0
–0.6
–0.8
–0.4
–0.2
0
0.2
0.6
0.8
0.4
04000
3500
3000
2500
2000
1500
1000
500
CODE
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
PGA GAIN = 2
Figure 6. Typical INL at Gain of 2
0
–140
–120
–100
–80
–60
–40
–20
0
400k 450k
350k
300k
250k
200k
150k
100k
50k
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 2.7V
fS = 1MSPS
TA = 25°C
fIN = 100kHz
INTERNAL REFERENCE
SNR = 73dB, THD = –82.5dB
PGA GAIN = 2
Figure 7. 3 dB Typical FFT at Gain of 2
0.6
–0.6
–0.4
–0.2
0
0.2
0.4
04
3500
3000
2500
2000
1500
1000
500
CODE
000
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
PGA GAIN = 32
Figure 8. Typical DNL at Gain of 32
1.0
–1.0
–0.6
–0.8
–0.4
–0.2
0
0.2
0.6
0.8
0.4
04
3500
3000
2500
2000
1500
1000
500
CODE
000
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
PGA GAIN = 32
Figure 9. Typical INL at Gain of 32
0
–140
–120
–100
–80
–60
–40
–20
0
400k 450k 500k
350k
300k
250k
200k
150k
100k
50k
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
fIN = 100kHz
INTERNAL REFERENCE
SNR = 68.38dB, THD = –82dB
PGA GAIN = 32
Figure 10. Typical FFT at Gain of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com