Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7264 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7264
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7264 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7264 Datasheet HTML 17Page - Analog Devices AD7264 Datasheet HTML 18Page - Analog Devices AD7264 Datasheet HTML 19Page - Analog Devices AD7264 Datasheet HTML 20Page - Analog Devices AD7264 Datasheet HTML 21Page - Analog Devices AD7264 Datasheet HTML 22Page - Analog Devices AD7264 Datasheet HTML 23Page - Analog Devices AD7264 Datasheet HTML 24Page - Analog Devices AD7264 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD7264
Rev. A | Page 21 of 32
Power-Up Conditions
On power-up, the status of the gain pins determines which
mode of operation is selected, as outlined in the Gain Selection
section. All registers are set to 0.
If the AD7264 is powered up in pin driven mode, the gain pins
and the PD pins should be configured to the appropriate logic
states and a calibration initiated if required.
Alternatively, if the AD7264 is powered up in control register
mode, the comparators and ADCs are powered down and the
default gain is 1. Thus, powering up in control register mode
requires a write to the device to power up the comparators and
the ADCs.
It takes the AD7264 15 μs to power up when using an external
reference. When the internal reference is used, 240 μs are required
to power up the AD7264 with a 1 μF decoupling capacitor.
CONTROL REGISTER
The control register on the AD7264 is a 12-bit read and write
register that is used to control the device when not in pin driven
mode. The PD0/DIN pin serves as the serial DIN pin for the
AD7264 when the gain pins are set to 0 (that is, the part is not in
pin driven mode). The control register can be used to select the
gain of the PGAs, the power-down modes, and the calibration
of the offset for both ADC A and ADC B. When in the control
register mode of operation, PD1 and PD2 should be connected
to a low logic state. These functions can also be implemented by
setting the logic levels on the gain pins, power-down pins, and
CAL pin, respectively. The control register can also be used to
read the offset and gain registers.
Data is loaded from the PD0/DIN pin of the AD7264 on the
falling edge of SCLK when CS is in a logic low state. The control
register is selected by first writing the appropriate four WR bits,
as outlined in
. The 12 data bits must then be clocked
into the control register of the device. Thus, on the 16th falling
SCLK edge, the LSB is clocked into the device. One more SCLK
cycle is then required to write to the internal device registers. In
total, 17 SCLK cycles are required to successfully write to the
AD7264. The data is transferred on the PD0/DIN line while the
conversion result is being processed. The data transferred on
the DIN line corresponds to the AD7264 configuration for the
next conversion.
Table 10
Only the information provided on the 12 falling clock edges after
the CS falling edge and the initial four write address bits is loaded
to the control register. The PD0/DIN pin should have a logic low
state for the four bits RD3 to RD0 when using the control register
to select the power-down modes and gain setting, or when initia-
lizing a calibration. The RD bits should also be set to a logic low
level to access the ADC results from both DOUTA and DOUTB.
The power-up status of all bits is 0, and the MSB denotes the first
bit in the data stream. The bit functions are outlined in Table 9.
Table 8. Control Register Bits
MSB
LSB
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RD3
RD2
RD1
RD0
CAL
PD2
PD1
PD0
G3
G2
G1
G0
Table 9. Control Register Bit Function Descriptions
Bits
Mnemonic
Comment
11 to 8
RD3 to RD0
Register address bits. These bits select which register the subsequent read is from. See Table 11.
7
CAL
Setting this bit high initiates an internal offset calibration. When the calibration is completed, this pin can be reset low,
and the internal offset that is stored in the on-chip offset registers is automatically removed from the ADCs results.
6 to 4
PD2 to PD0
Power-down bits. These bits select which power-down mode is programmed. See Table 7.
3 to 0
G3 to G0
Gain selection bits. These bits select which gain setting is used on the front-end PGA. See Table 6.
Table 10. Write Address Bits
WR3
WR2
WR1
WR0
Read Register Addressed
0
0
0
1
Control register
CS
SCLK
DOUTA
PD0/DIN
10
14
16
THREE-STATE
11
12
13
17
THREE-
STATE
15
DB12
DB13
18
20
19
32
33
DB0
THREE-STATE
WR1
WR0
RD3
RD2
RD1
RD0
CAL
PD2
PD1
PD0
G3
G2
G1
G0
WR2
WR3
t2
t8
tQUIET
9
8
7
6
5
4
3
2
1
t13
t14
Figure 30. Timing Diagram for a Write Operation to the Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com