Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8228ARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD8228ARMZ
Description  Low Gain Drift Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8228ARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8228ARMZ Datasheet HTML 15Page - Analog Devices AD8228ARMZ Datasheet HTML 16Page - Analog Devices AD8228ARMZ Datasheet HTML 17Page - Analog Devices AD8228ARMZ Datasheet HTML 18Page - Analog Devices AD8228ARMZ Datasheet HTML 19Page - Analog Devices AD8228ARMZ Datasheet HTML 20Page - Analog Devices AD8228ARMZ Datasheet HTML 21Page - Analog Devices AD8228ARMZ Datasheet HTML 22Page - Analog Devices AD8228ARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8228
Rev. 0 | Page 19 of 24
APPLICATIONS INFORMATION
DIFFERENTIAL DRIVE
Figure 48 shows how to configure the AD8228 for differential
output. The advantage of this circuit is that the dc differential
accuracy depends on the AD8228 and not on the op amp or the
resistors. This circuit takes advantage of the precise control the
AD8228 has of its output voltage relative to the reference voltage.
The ideal equation for the differential output is as follows:
VDIFF_OUT = VOUT+ − VOUT− = Gain × (VIN+ − VIN−)
Op amp dc performance and resistor matching determine the
dc common-mode output accuracy. However, because common-
mode errors are likely to be rejected by the next device in the
signal chain, these errors typically have little effect on overall
system accuracy. The ideal equation for the common-mode
output is as follows:
VCM_OUT =
2
−
+ +
OUT
OUT
V
V
= VREF
For best ac performance, an op amp with at least 3 MHz gain
bandwidth product and 2 V/μs slew rate is recommended.
+IN
–IN
REF
AD8228
VREF
10kΩ
+
–
AD8641
+OUT
–OUT
10kΩ
Figure 48. Differential Output Using an Op Amp
PRECISION STRAIN GAGE
The low offset and high CMRR over frequency of the AD8228
make it an excellent candidate for bridge measurements. As shown
in Figure 49, the bridge can be connected directly to the inputs
of the amplifier.
5V
2.5V
10µF
0.1µF
AD8228
+IN
–IN
350Ω
350Ω
350Ω
350Ω
+
–
Figure 49. Precision Strain Gage
DRIVING A DIFFERENTIAL ADC
Figure 50 shows how the AD8228 can be used to drive a
differential ADC. The AD8228 is configured with an op amp and
two resistors for differential drive. The 510 Ω resistors and 2200
pF capacitors isolate the instrumentation amplifier from the
switching transients produced by the switched capacitor front
end of a typical SAR converter. These components between the
ADC and the amplifier also create a filter at 142 kHz, which
provides antialiasing and noise filtering. The advantage of this
configuration is that it uses less power than a dedicated ADC
driver: the AD8641 typically consumes 200 μA, and the current
through the two 10 kΩ resistors is 250 μA at full output voltage.
With the AD7688, this configuration gives excellent dc perform-
ance and a THD of 71 dB (10 kHz input). For applications that
need better distortion performance, a dedicated ADC driver, such
as the ADA4941-1 or ADA4922-1, is recommended.
IN+
VDD
REF
GND
AD7688
IN–
0.1µF
+5V
ADR435
GND
VIN
VOUT
0.1µF
+8V
0.1µF
10µF
X5R
10kΩ
10kΩ
0.1µF
510Ω
0.1µF
510Ω
0.1µF
0.1µF
AD8228
+IN
–IN
REF
+8V
–8V
0.1µF
0.1µF
–8V
+8V
AD8641
10kΩ
10kΩ
Figure 50. Driving a Differential ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com