Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8228ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8228ARMZ-R7
Description  Low Gain Drift Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8228ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD8228ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8228ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8228ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8228ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8228ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8228ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8228ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8228ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8228ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8228
Rev. 0 | Page 3 of 24
SPECIFICATIONS
GAIN = 10
VS = ±15 V, VREF = 0 V, TA = 25°C, RL = 2 kΩ, all specifications referred to input, unless otherwise noted.
Table 2.
Conditions
A Grade
B Grade
Parameter
(Gain = 10)
Min
Typ
Max
Min
Typ
Max
Unit
COMMON-MODE REJECTION RATIO
CMRR DC to 60 Hz with 1 kΩ
Source Imbalance
VCM = −10 V to +10 V
94
100
dB
CMRR at 2 kHz
VCM = −10 V to +10 V
90
100
dB
NOISE
VIN+ = VIN− = VREF = 0 V
Voltage Noise
f = 1 kHz
15
15
nV/√Hz
f = 0.1 Hz to 10 Hz
0.5
0.5
μV p-p
Current Noise
f = 1 kHz
40
40
fA/√Hz
f = 0.1 Hz to 10 Hz
6
6
pA p-p
VOLTAGE OFFSET
Referred to input,
VS = ±5 V to ±15 V
Offset
90
50
μV
Over Temperature
T = −40°C to +85°C
180
100
μV
Average TC
T = −40°C to +85°C
1.5
0.8
μV/°C
Offset vs. Supply (PSR)
104
120
106
120
dB
INPUT CURRENT
Input Bias Current
0.5
1.5
0.4
0.6
nA
Over Temperature
T = −40°C to +85°C
2.0
1
nA
Average TC
T = −40°C to +85°C
1
1
pA/°C
Input Offset Current
0.2
0.6
0.1
0.4
nA
Over Temperature
T = −40°C to +85°C
0.8
0.6
nA
Average TC
T = −40°C to +85°C
1
1
pA/°C
REFERENCE INPUT
RIN
20
20
kΩ
IIN
VIN+ = VIN− = VREF = 0 V
50
60
50
60
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Gain to Output
1 ± 0.0001
1 ± 0.0001
V/V
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
650
650
kHz
Settling Time 0.01%
10 V step
6
6
μs
Settling Time 0.001%
10 V step
9
9
μs
Slew Rate
2
2.5
2
2.5
V/μs
GAIN
VOUT = −10 V to +10 V
Gain Error
0.07
0.02
%
Gain Nonlinearity
RL = 10 kΩ
3
10
3
10
ppm
RL = 2 kΩ
3
10
3
10
ppm
Gain vs. Temperature
1
10
1
2
ppm/°C
INPUT
Input Impedance
Differential
100||2
100||2
GΩ||pF
Common Mode
100||2
100||2
GΩ||pF
Input Operating Voltage Range1
VS = ±2.3 V to ±5 V
−VS + 1.9
+VS − 1.1
−VS + 1.9
+VS − 1.1
V
Over Temperature
T = −40°C to +85°C
−VS + 2.0
+VS − 1.2
−VS + 2.0
+VS − 1.2
V
Input Operating Voltage Range1
VS = ±5 V to ±18 V
−VS + 1.9
+VS − 1.2
−VS + 1.9
+VS − 1.2
V
Over Temperature
T = −40°C to +85°C
−VS + 2.0
+VS − 1.2
−VS + 2.0
+VS − 1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com