Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8506ARMZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8506ARMZ-R2
Description  20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8506ARMZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8506ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8506ARMZ-R2 Datasheet HTML 11Page - Analog Devices AD8506ARMZ-R2 Datasheet HTML 12Page - Analog Devices AD8506ARMZ-R2 Datasheet HTML 13Page - Analog Devices AD8506ARMZ-R2 Datasheet HTML 14Page - Analog Devices AD8506ARMZ-R2 Datasheet HTML 15Page - Analog Devices AD8506ARMZ-R2 Datasheet HTML 16Page - Analog Devices AD8506ARMZ-R2 Datasheet HTML 17Page - Analog Devices AD8506ARMZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8506/AD8508
Rev. A | Page 14 of 20
The charge pump has been carefully designed so that switching
noise components at any frequency, both within and beyond the
amplifier bandwidth, are much lower than the thermal noise floor.
Therefore, the spurious-free dynamic range (SFDR) is limited
only by the input signal and the thermal or flicker noise. There
is no intermodulation between input signal and switching noise.
Figure 43 displays a typical front-end section of an operational
amplifier with an on-chip charge pump.
Q2
Q1
VPP
VB
+IN
–IN
OUT
CASCODE
STAGE
AND
RAIL-TO-RAIL
OUTPUT
STAGE
VDD
VSS
VPP = POSITIVE PUMPED VOLTAGE = VDD + 1.8V
Figure 43. Typical Front-End Section of an Op Amp
with Embedded Charge Pump
Figure 44, input offset voltage vs. input common-mode voltage
response, shows the typical response of 12 devices from Figure 8.
Figure 44 has been expanded so that it is easier to compare with
Figure 42, typical input offset voltage vs. common-mode voltage
response in a dual differential pair input stage op amp.
VCM (V)
0
–300
–100
100
300
1.5
3.5
5.0
1.0
0.5
2.5
4.5
4.0
3.0
2.0
–200
–150
–250
–50
0
50
150
200
250
VSY = 5V, TA = 25°C
Figure 44. Input Offset Voltage vs. Input Common-Mode Voltage Response
(Powered by a 5 V Supply; Results of 12 Units Are Displayed)
This solution improves the CMRR performance tremendously.
For instance, if the input varies from rail-to-rail on a 2.5 V
supply rail, using a part with a CMRR of 70 dB minimum, an
input-referred error of 790 μV is introduced. Another part with
a CMRR of 52 dB minimum generates a 6.3 mV error. The
AD8506/AD8508 CMRR of 90 dB minimum causes only a 79 μV
error. As with the PSRR error, there are complex ways to minimize
this error, but the AD8506/AD8508 solve this problem without
incurring unnecessary circuitry complexity or increased cost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com