Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9388ABSTZ-5P Datasheet(PDF) 21 Page - Analog Devices

Part # AD9388ABSTZ-5P
Description  10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9388ABSTZ-5P Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9388ABSTZ-5P Datasheet HTML 17Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 18Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 19Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 20Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 21Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 22Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 23Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 24Page - Analog Devices AD9388ABSTZ-5P Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD9388A
Rev. B | Page 21 of 28
REGISTER MAP ARCHITECTURE
The AD9388A registers are controlled via a 2-wire serial (I2C-compatible) interface. The AD9388A has eight maps, each with a unique
I2C address. The state of the ALSB pin (Pin 13) sets Bit 2 of each register map address in Table 10.
Table 10. AD9388A Map Addresses
Register Map
Address with
ALSB = Low
Address with
ALSB = High
Programmable Address
Location at Which Address
is Programmable
User Map
0x40
0x42
Not programmable
N/A
User Map 1
0x44
0x46
Programmable
User Map 2, Register 0xEB
User Map 2
0x60
0x62
Programmable
User Map, Register 0x0E
VDP Map
0x48
0x4A
Programmable
User Map 2, Register 0xEC
Reserved Map
0x4C
0x4E
Programmable
User Map 2, Register 0xEA
HDMI Map
0x68
0x6A
Programmable
User Map 2, Register 0xEF
Repeater/KSV Map
0x64
0x66
Programmable
User Map 2, Register 0xED
EDID Map
0x6C
0x6E
Programmable
User Map 2, Register 0xEE
SCL
SDA
SA:
PROGRAMMABLE
SA:
PROGRAMMABLE
SA:
PROGRAMMABLE
SA:
PROGRAMMABLE
SA:
PROGRAMMABLE
SA:
PROGRAMMABLE
SA:
PROGRAMMABLE
RESERVED MAP
REPEATER/
KSV MAP
EDID MAP
HDMI MAP
SA: 0x40
VDP MAP
USER MAP 2
USER MAP 1
USER MAP
Figure 7. Register Map Access Through Main I2C Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com