Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16365 Datasheet(PDF) 13 Page - Analog Devices

Part # ADIS16365
Description  Tri-Axis Inertial Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16365 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADIS16365 Datasheet HTML 9Page - Analog Devices ADIS16365 Datasheet HTML 10Page - Analog Devices ADIS16365 Datasheet HTML 11Page - Analog Devices ADIS16365 Datasheet HTML 12Page - Analog Devices ADIS16365 Datasheet HTML 13Page - Analog Devices ADIS16365 Datasheet HTML 14Page - Analog Devices ADIS16365 Datasheet HTML 15Page - Analog Devices ADIS16365 Datasheet HTML 16Page - Analog Devices ADIS16365 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary Technical Data
ADIS16365
Rev. PrA | Page 13 of 20
OPERATION CONTROL REGISTERS
Global Commands
In addition to the calibration commands, the COMMAND
register provides initiation bits for several other common
functions. Writing a 1 to the assigned COMMAND bit exercises
its function.
Table 12. COMMAND Bit Descriptions
Bits
Description
[15:8]
Not used
[7]
Software reset command
[6:5]
Not used
[4]
Precision autonull command
[3]
Flash update command
[2]
Auxiliary DAC data latch
[1]
Factory calibration restore command
[0]
Autonull command
The software reset command restarts the internal processor, which
loads all registers with the contents in their flash memory locations.
The flash update copies the contents of all flash backup registers
into their assigned, nonvolatile, flash memory locations. This
process takes approximately 50 ms and requires a power supply
that is within the specified operating range. After waiting the
appropriate time for the flash update to complete, verify successful
completion by reading the STATUS register. If the flash update
is successful, the flash update error is 0. If the flash update is not
successful, reading this error bit accomplishes two things: (1)
alerting the system processor to try again, and (2) clearing the
error flag, which is required for flash memory access.
The DAC data latch command loads the contents of AUX_DAC
into the DAC latches. Because the AUX_DAC contents must be
updated one byte at a time, this command ensures a stable DAC
output voltage during updates.
Finally, reading the COMMAND register (see
Figure 4) starts the burst mode read sequence.
Internal Sample Rate
The SMPL_PRD register controls the ADIS16365 internal sample
rate and has two parts: a selectable time base and a multiplier. The
following relationship produces the sample rate:
tS = tB × NS + 1
Table 13. SMPL_PRD Bit Descriptions
Bit
Description
(Default = 0x0001)
[15:8]
Not used
[7]
Time base, 0 = 0.61035 ms, 1 = 18.921 ms
[6:0]
Increment setting (NS)
An example calculation of the default sample period follows:
SMPL_PRD = 0x03, B7 − B0 = 00000011 ->
B7 = 0 → tB = 0.61035 ms, B6…B0 = 000000011 → NS = 3
tS = tB × (NS + 1) = 0.61035 ms × (3+1) = 2.4414 ms
The contents of this register determine whether the device is in
fast mode or low power mode.” Fast mode occurs when the
contents of SMPL_PRD are less than 0x0A. Refer to Table 1 and
Table 2 for the performance trade-offs associated with each mode.
Setting SMPL_PRD = 0x000 activates the external clock.
Power Management
In addition to offering two different performance modes for
power optimization, the ADIS16365 offers a programmable
shutdown period that the SLP_CNT register controls.
Table 14. SLP_CNT Bit Descriptions
Bit
Description
(Default = 0x0000)
[15:8]
Not used
[7:0]
Data bits, 0.5 seconds/LSB (0x08, sleep time = 4 sec)
Once in sleep mode, a reset or power cycle is required to wake up.
Digital Filtering
The signal conditioning circuit of each sensor has an analog
bandwidth of approximately 350 Hz. A programmable-length
Bartlett window FIR filter provides opportunity for additional
noise reduction on all output data registers. The SENS/AVG
register controls the number of taps in power-of-two step sizes,
from zero to six.
Filter setup requires one simple step: write the appropriate M
factor to the assigned bits in the SENS/AVG register. The bit
assignments are listed in Table 15. The frequency response
relationship for this filter is
(
)
()
s
s
A
A
B
t
f
N
t
f
N
f
H
f
H
f
H
×
×
π
×
×
π
=
=
sin
sin
)
(
)
(
)
(
2
× ×
0
–20
–40
–60
–80
–100
–120
–140
0.001
0.01
0.1
1
FREQUENCY (
f/fS)
N = 2
N = 4
N = 16
N = 64
Figure 16. Bartlett Window FIR Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com