Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5321
Description  2.3 GHz to 4.0 GHz RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321 Datasheet(HTML) 4 Page - Analog Devices

  ADL5321 Datasheet HTML 1Page - Analog Devices ADL5321 Datasheet HTML 2Page - Analog Devices ADL5321 Datasheet HTML 3Page - Analog Devices ADL5321 Datasheet HTML 4Page - Analog Devices ADL5321 Datasheet HTML 5Page - Analog Devices ADL5321 Datasheet HTML 6Page - Analog Devices ADL5321 Datasheet HTML 7Page - Analog Devices ADL5321 Datasheet HTML 8Page - Analog Devices ADL5321 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADL5321
Rev. 0 | Page 4 of 16
TYPICAL SCATTERING PARAMETERS
VCC = 5 V and TA = 25°C; the effects of the test fixture have been de-embedded up to the pins of the device.
Table 2.
S11
S21
S12
S22
Frequency
(MHz)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
2400
−4.47
−176.78
12.04
+74.69
−26.63
+16.98
−7.98
−111.37
2450
−4.57
−179.08
12.04
+71.96
−26.53
+15.09
−8.12
−113.06
2500
−4.62
+178.53
12.03
+69.02
−26.44
+12.94
−8.22
−115.61
2550
−4.70
+176.46
12.01
+66.20
−26.38
+10.91
−8.33
−118.13
2600
−4.78
+174.30
11.99
+63.23
−26.30
+8.56
−8.37
−121.11
2650
−4.88
+172.49
11.97
+60.32
−26.25
+6.38
−8.36
−124.14
2700
−4.97
+170.84
11.93
+57.28
−26.20
+3.90
−8.25
−127.48
2750
−5.07
+169.41
11.93
+54.11
−26.15
+1.38
−8.05
−130.84
2800
−5.23
+168.34
11.86
+51.18
−26.14
−1.15
−7.88
−133.91
2850
−5.44
+167.48
11.80
+47.81
−26.16
−3.88
−7.59
−137.02
2900
−5.72
+167.06
11.74
+44.61
−26.18
−6.79
−7.25
−139.88
2950
−6.00
+167.08
11.69
+41.14
−26.18
−9.78
−6.83
−142.37
3000
−6.40
+167.66
11.62
+37.73
−26.22
−13.00
−6.37
−144.60
3050
−6.84
+169.10
11.51
+34.13
−26.31
−16.32
−5.90
−146.58
3100
−7.32
+171.08
11.44
+30.41
−26.37
−19.95
−5.38
−148.25
3150
−7.93
+174.69
11.28
+26.53
−26.51
−23.60
−4.92
−149.46
3200
−8.52
+179.46
11.14
+22.45
−26.66
−27.66
−4.40
−150.81
3250
−9.06
−173.89
10.95
+18.23
−26.86
−31.92
−3.91
−151.83
3300
−9.46
−165.62
10.71
+13.94
−27.11
−36.45
−3.45
−152.90
3350
−9.48
−156.10
10.39
+9.45
−27.45
−41.18
−3.05
−153.80
3400
−9.18
−146.31
10.03
+5.06
−27.85
−45.96
−2.67
−154.63
3450
−8.56
−138.10
9.65
+0.71
−28.28
−50.83
−2.33
−155.41
3500
−7.74
−131.09
9.20
−3.47
−28.76
−55.67
−2.04
−156.03
3550
−6.90
−126.03
8.70
−7.62
−29.33
−60.52
−1.80
−156.44
3600
−6.08
−122.27
8.14
−11.37
−29.96
−65.27
−1.60
−156.77
3650
−5.35
−119.50
7.55
−14.86
−30.62
−69.78
−1.47
−156.90
3700
−4.73
−117.43
6.93
−18.10
−31.32
−74.35
−1.38
−156.85
3750
−4.15
−115.94
6.34
−21.07
−31.98
−78.77
−1.29
−156.62
3790
−3.78
−114.89
5.81
−23.21
−32.56
−82.30
−1.27
−156.36
3800
−3.68
−114.66
5.69
−23.67
−32.68
−83.17
−1.24
−156.19
3850
−3.29
−113.41
5.09
−25.99
−33.35
−87.33
−1.20
−155.59
3900
−2.97
−112.48
4.45
−27.94
−34.03
−91.70
−1.22
−154.96
3950
−2.67
−111.68
3.86
−29.95
−34.65
−96.22
−1.23
−154.01
4000
−2.41
−110.79
3.30
−31.52
−35.23
−100.84
−1.23
−153.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com