Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5502ACBZ-P2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  800 MHz to 3800 MHz Crest Factor Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 2 Page - Analog Devices

  ADL5502ACBZ-P2 Datasheet HTML 1Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 2Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 3Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 4Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 5Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 6Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 7Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 8Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ADL5502
Preliminary Technical Data
Rev. PrD (04/20/2008) | Page 2 of 14
SPECIFICATIONS
TA = 25°C, VS = 3.0 V, RFLT = 100 nF, light condition ≤ 600 LUX, unless otherwise noted. Including 50 ohm input termination resistor.
Table 1.
Parameter
Condition
Min
Typ
Max
Unit
FREQUENCY RANGE
Input RFIN
450
3800
MHz
RMS CONVERSION (f = 450 MHz)
Input RFIN to output VRMS
Input Impedance
TBD||TBD
Ω||pF
Dynamic Range1
CW input, −40°C < TA < +85°C
±0.25 dB Error2
VS = 3 V
15
dB
±1 dB Error3
VS = 3 V
25
dB
±2 dB Error3
VS = 3 V
30
dB
Maximum Input Level
±0.25 dB error
TBD
dBm
Minimum Input Level
±1 dB error
TBD
dBm
Conversion Gain
VRMS = (Gain × VIN) + Intercept
1.82
V/V rms
Output Intercept4
0.001
V
Output Voltage—High Power In
PIN = +5 dBm, 400 mV rms
TBD
V
Output Voltage—Low Power In
PIN = −21 dBm, 20 mV rms
TBD
V
ENVELOPE CONVERSION
Input RFIN to output VENV
Dynamic Range1
CF=3.5 dB, −40°C < TA < +85°C
±0.25 dB Error2
VS = 3 V
15
dB
±1 dB Error3
VS = 3 V
30
dB
Maximum Input Level
±0.25 dB error3
TBD
dBm
Minimum Input Level
±1 dB error3
TBD
dBm
Conversion Gain
1.4
V/V
Output Intercept4
TBD
V
Output Voltage—High Power In
PIN = +5 dBm, 400 mV rms
TBD
V
Output Voltage—Low Power In
PIN = −21 dBm, 20 mV rms
TBD
V
RMS TO ENVELOPE TRACKING
CW input, −40°C < TA < +85°C
±0.25 dB Error
VS = 3 V
15
dB
±1 dB Error
VS = 3 V
25
dB
±2 dB Error
VS = 3 V
30
dB
RMS CONVERSION (f = 800 MHz)
Input RFIN to output VRMS
Input Impedance
331||1.0
Ω||pF
Dynamic Range1
CW input, −40°C < TA < +85°C
±0.25 dB Error2
VS = 3 V
15
dB
±1 dB Error3
VS = 3 V
25
dB
±2 dB Error3
VS = 3 V
30
dB
Maximum Input Level
±0.25 dB error
TBD
dBm
Minimum Input Level
±1 dB error
TBD
dBm
Conversion Gain
VRMS = (Gain × VIN) + Intercept
1.81
V/V rms
Output Intercept4
0.001
V
Output Voltage—High Power In
PIN = +5 dBm, 400 mV rms
TBD
V
Output Voltage—Low Power In
PIN = −21 dBm, 20 mV rms
TBD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com