Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2604 Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2604
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2604 Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2604 Datasheet HTML 9Page - Analog Devices SSM2604 Datasheet HTML 10Page - Analog Devices SSM2604 Datasheet HTML 11Page - Analog Devices SSM2604 Datasheet HTML 12Page - Analog Devices SSM2604 Datasheet HTML 13Page - Analog Devices SSM2604 Datasheet HTML 14Page - Analog Devices SSM2604 Datasheet HTML 15Page - Analog Devices SSM2604 Datasheet HTML 16Page - Analog Devices SSM2604 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SSM2604
Rev. 0 | Page 13 of 28
es.
audio frame clock signal that separates left- and right-channel
data on the PBDAT lines.
The BCLK signal acts as the digital audio clock. Depending on
if the SSM2604 is in master or slave mode, the BCLK signal is
either an input or an output signal. During a playback opera-
tion, PBDAT and PBLRC must be synchronous to the BCLK
signal to avoid data corruption.
Digital Audio Data Sampling Rate
To accommodate a wide variety of commonly used DAC and
ADC sampling rates, the SSM2604 allows for two modes of
operation, normal and USB, selected by the USB bit (Register R8,
Bit D0).
In normal mode, the SSM2604 supports digital audio sampling
rates from 8 kHz to 96 kHz. Normal mode supports 256 fS and
384 fS based clocks. To select the desired sampling rate, the user
must set the appropriate sampling rate register in the SR control
bits (Register R8, Bit D2 to Bit D5) and match this selection to
the core clock frequency that is pulsed on the MCLK pin.
See Table 25 and Table 26 for guidelin
In USB mode, the SSM2604 supports digital audio sampling
rates from 8 kHz to 96 kHz. USB mode is enabled on the
SSM2604 to support the common universal serial bus (USB)
clock rate of 12 MHz, or to support 24 MHz if the CLKDIV2
control register bit is activated. The user must set the appropriate
sampling rate in the SR control bits (Register R8, Bit D2 to Bit D5).
See Table 25 and Table 26 for guidelines.
Note that the sampling rate is generated as a fixed divider from
the MCLK signal. Because all audio processing references the
core MCLK signal, corruption of this signal, in turn, corrupts
the outgoing audio quality of the SSM2604. The BCLK/RECLRC/
RECDAT or BCLK/PBLRC/PBDAT signals must be synchronized
with MCLK in the digital audio interface circuit. MCLK must
be faster or equal to the BCLK frequency to guarantee that no
data is lost during data synchronization.
The BCLK frequency should be greater than
Sampling Rate × Word Length × 2
Ensuring that the BCLK frequency is greater than this value
guarantees that all valid data bits are captured by the digital
audio interface circuitry. For example, if a 32 kHz digital
audio sampling rate with a 32-bit word length is desired,
BCLK ≥ 2.048 MHz.
RECLRC/
PBLRC
BCLK
RECDAT/
PBDAT
12
3
4
N
X
X
X
X
N
1
2
LEFT CHANNEL
3
RIGHT CHANNEL
1/
fS
X = DON’T CARE.
Figure 19. Left-Justified Audio Input Mode
RECLRC/
PBLRC
BCLK
RECDAT/
PBDAT
LEFT CHANNEL
RIGHT CHANNEL
1/
fS
X = DON’T CARE.
XN
X
3
21X
X
N
4
43
21
Figure 20. Right-Justified Audio Input Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com