Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2604CPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # SSM2604CPZ-R2
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2604CPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button SSM2604CPZ-R2 Datasheet HTML 20Page - Analog Devices SSM2604CPZ-R2 Datasheet HTML 21Page - Analog Devices SSM2604CPZ-R2 Datasheet HTML 22Page - Analog Devices SSM2604CPZ-R2 Datasheet HTML 23Page - Analog Devices SSM2604CPZ-R2 Datasheet HTML 24Page - Analog Devices SSM2604CPZ-R2 Datasheet HTML 25Page - Analog Devices SSM2604CPZ-R2 Datasheet HTML 26Page - Analog Devices SSM2604CPZ-R2 Datasheet HTML 27Page - Analog Devices SSM2604CPZ-R2 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
SSM2604
Rev. 0 | Page 24 of 28
Table 27. Sampling Rate Lookup Table, USB Enabled (USB Mode)
MCLK
(CLKDIV2 = 0)
MCLK
(CLKDIV2 = 1)
ADC Sampling Rate
(RECLRC)
DAC Sampling Rate
(PBLRC)
USB
SR [3:0]
BOSR
BCLK
(MS = 1)1
12.000 MHz
24.000 MHz
8 kHz (MCLK/1500)
8 kHz (MCLK/1500)
1
0011
0
MCLK
8 kHz (MCLK/1500)
48 kHz (MCLK/250)
1
0010
0
MCLK
8.0214 kHz (MCLK/1496)
8.0214 kHz (MCLK/1496)
1
1011
1
MCLK
8.0214 kHz (MCLK/1496)
44.118 kHz (MCLK/272)
1
1010
1
MCLK
11.0259 kHz (MCLK/1088)
11.0259 kHz (MCLK/1088)
1
1100
1
MCLK
12 kHz (MCLK/1000)
12 kHz (MCLK/1000)
1
1000
0
MCLK
16 kHz (MCLK/750)
16 kHz (MCLK/750)
1
1010
0
MCLK
22.0588 kHz (MCLK/544)
22.0588 kHz (MCLK/544)
1
1101
1
MCLK
24 kHz (MCLK/500)
24 kHz (MCLK/500)
1
1110
0
MCLK
32 kHz (MCLK/375)
32 kHz (MCLK/375)
1
0110
0
MCLK
44.118 kHz (MCLK/272)
8.0214 kHz (MCLK/1496)
1
1001
1
MCLK
44.118 kHz (MCLK/272)
44.118 kHz (MCLK/272)
1
1000
1
MCLK
48 kHz (MCLK/250)
8 kHz (MCLK/1500)
1
0001
0
MCLK
48 kHz (MCLK/250)
48 kHz (MCLK/250)
1
0000
0
MCLK
88.235 kHz (MCLK/136)
88.235 kHz (MCLK/136)
1
1111
1
MCLK
96 kHz (MCLK/125)
96 kHz (MCLK/125)
1
0111
0
MCLK
1 BCLK frequency is for master mode and slave right-justified mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com