Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 76 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 72Page - Analog Devices ADE5166 Datasheet HTML 73Page - Analog Devices ADE5166 Datasheet HTML 74Page - Analog Devices ADE5166 Datasheet HTML 75Page - Analog Devices ADE5166 Datasheet HTML 76Page - Analog Devices ADE5166 Datasheet HTML 77Page - Analog Devices ADE5166 Datasheet HTML 78Page - Analog Devices ADE5166 Datasheet HTML 79Page - Analog Devices ADE5166 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 148 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Preliminary Technical Data
Rev. PrB | Page 76 of 148
is that the use of the general-purpose RAM can be limited to
data storage. The use of the extended internal RAM can be
limited to the stack, or alternatively split between the stack and
data storage if more space is required. This separation limits the
chance of data corruption because the stack can be contained in
the upper section of the XRAM and does not overflow into the
lower section containing data. Data can still be stored in
extended RAM by using the MOVX command.
The default starting address for the stack is 0x100, electing the
upper 1792 bytes of XRAM for the stack operation. The starting
address can be reconfigured to reduce the stack by writing to
Bits SPH[5:3]. These three bits set the value of the three most
significant bits of the stack pointer. For example, setting the
SPH[5:3] to a value of 110b moves the default starting address
of the stack to 0x600, allowing the highest 512 bytes of the
XRAM to be used for stack operation. If the situation occurs
that the stack reaches the top of the XRAM and overflows, the
stack pointer rolls over to the default starting address that is
written in SPH[5:3]. Care should be taken if altering the default
starting address of the stack because unwanted overwrite
operations may occur should the stack overflow or underflow.
Stack Boundary Protection
As a warning signal that the stack pointer is extending outside
the specified range, a stack boundary protection feature is
included. This feature is controlled through the stack boundary
SFR (STCON, 0xBF) and is disabled by default. To enable this
feature, the boundary protection enable bit should be set in the
STCON SFR.
The stack boundary protection works in two ways to protect the
remainder of the XRAM from being corrupted. The waterline
detection feature monitors the top of the stack and warns the
user when the stack pointer is reaching the overflow point. By
setting STCON[7:3], the level of the water line below the top of
the XRAM can be set. For example, by setting STCON[7:3] to
the maximum value of 0x1F, the waterline is set to its minimum
value of 0x7FF − 0x1F = 0x7F0. Similarly, by setting STCON[7:3]
to 0x1, the waterline is set at the top of the RAM space, 0x7FE.
Note that if STCON[7:3] is set to 000b, then the feature is
effectively disabled and no interrupt or reset is generated.
The bottom of the stack is also preserved by the stack boundary
feature. Should the stack pointer be written to a value lower
than the default stack starting address defined in the SPH[5:3],
a warning is issued and the perpetrating command is ignored.
The protection for both the waterline and the stack starting
address are enabled simultaneously by setting Bit 1 in the
STCON SFR.
When enabled, the stack boundary protection can be configured
to either reset the part or trigger an interrupt when a stack viola-
tion occurs. The value of STCON[2] determines the response
of the part. When STCON[2] is set to 0x1 and the stack pointer
exceeds the waterline, the part resets immediately no matter
what other routines are in progress. If an attempt is made to
move the stack pointer below the default stack starting address
when STCON[2] is high, a reset also occurs. If an interrupt
response is selected, the watchdog interrupt service routine is
entered assuming that there is no higher level interrupt currently
being serviced. It should be noted that once STCON[1] is
enabled, an interrupt(or reset) triggers if the stack boundary is
violated, regardless of the status of the EA bit in the IE register.
This is because the watchdog interrupt is automatically configured
as a high priority interrupt and, therefore, is not disabled by
clearing EA. When STCON[1] is low, the feature is completely
disabled and no pending interrupts are generated.
There are two separate flags associated with the stack boundary
protection, allowing the cause of the violation to be determined.
When the waterline is exceeded, a flag is set in Bit 0 of the stack
boundary SFR (STCON, 0xBF) indicating that the reset/interrupt
was initiated by the stack waterline monitor. This flag remains
high until the stack pointer falls below the waterline and the
user clears the flag in software. A waterline or watchdog reset
alone does not clear the flag. To successfully clear the flag, the
software clear must occur while the stack pointer is below the
waterline.
Note that the stack pointer should never be altered while in the
interrupt service routine because this leads to the program
returning to a different section of the program and therefore
malfunctioning. An external reset also causes the waterline flag
to reset.
When an attempt has been made to move the stack pointer
below the stack starting address, a flag is set in the stack pointer
high SFR (SPH, 0xB7), indicating that the reset/interrupt was
initiated by the stack bottom monitor. Once again, a boundary
or watchdog reset alone does not clear this flag, and the user
must clear the flag in software to successfully acknowledge the
event. Note that if SPH[5:3] and SPH[2:0] are altered simulta-
neously to reduce the default stack starting address, when the
stack boundary condition is enabled, a stack violation condition
occurs and the stack bottom flag, SPH[6], is initiated. To avoid
this condition, it is recommended that the default stack starting
address remain at 0x100 or be increased further up the XRAM.
A useful implementation of the waterline feature is to determine
the amount of space required for the stack and allow a suitable
default starting address to be selected. This optimizes the use
of the additional XRAM space, allowing it to be used for data
storage. To obtain this information, the waterline should be set
to the estimated stack maximum and the interrupt enabled. If
the stack exceeds the estimated maximum, the interrupt triggers,
and the waterline level should be increased in the interrupt
service routine. Before returning to the main program, the
waterline interrupt status flag should be cleared. This program
continues to jump to the waterline service routine until the
stack no longer exceeds the waterline level and the maximum
stack level has been determined.
The stack boundary feature can be protected by clearing the
second most significant bit in Flash Location 0xF7FF (see the
Protecting the Flash section). If this protection bit is enabled,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com