Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5166 Datasheet(PDF) 120 Page - Analog Devices

Part # ADE5166
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5166 Datasheet(HTML) 120 Page - Analog Devices

Back Button ADE5166 Datasheet HTML 116Page - Analog Devices ADE5166 Datasheet HTML 117Page - Analog Devices ADE5166 Datasheet HTML 118Page - Analog Devices ADE5166 Datasheet HTML 119Page - Analog Devices ADE5166 Datasheet HTML 120Page - Analog Devices ADE5166 Datasheet HTML 121Page - Analog Devices ADE5166 Datasheet HTML 122Page - Analog Devices ADE5166 Datasheet HTML 123Page - Analog Devices ADE5166 Datasheet HTML 124Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 148 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Preliminary Technical Data
Rev. PrB | Page 120 of 148
Because the temperature measurement has a resolution of
0.78°C/LSB and the RTC compensation has a resolution of
2ppm/LSB, XTALOS and XTALGain can be processed using
XTALOS
[7:0] = TEMPADC[7:0]T0
considering the equation of the temperature ADC at 25°C,
XTALOS = 0d123, if T0 is given to be 25°C.
[]
() 14
2
C/LSB
78
.
0
C
/
ppm
2
0
:
14
×
°
×
°
×
−
= k
XTALGain
where:
k
is a negative number usually presented with the unit of
ppm/°C.
XTALGain
is an unsigned 15-bit number made up of
Register XTALG1 and Register XTALG2.
The automatic correction is disabled by default and can be
enabled by writing 1 to the MS of the XTALG2 register. When
enabled, TEMPCAL can be read but cannot be written by user
code. To successfully perform the autocalibration, a temperature
reading must first be obtained (see the Temperature Measurement
section). This calibration feature is designed to operate in the
background to continually maintain an accurate RTC value
with changing temperature. It is therefore recommended that
temperature measurements be set up to occur automatically in
the background through the peripheral ADC strobe period SFR
(STRBPER, 0xF9). Background measurements occur every 1, 2,
or 8 minutes, depending on the configuration. When the MSB
of XTALG2 is set and background temperature readings are
initiated, the RTC calibration is performed every time a new
temperature measurement is obtained. Note that the
temperature and supply delta SFR (DIFFPROG, 0xF3) does not
have to be set for the RTC temperature compensation to be
operational.
Note that because the RTC temperature compensation is
designed to operate in the background, it does not affect the
temperature, voltage or battery ADC SFRs. These registers are
only updated when configured to do so in the temperature and
supply delta SFR (DIFFPROG, 0xF3) in background mode, or
upon the completion of a single ADC reading initiated by a write
to the start ADC measurement SFR (ADCGO, 0xD8). All of the
ADC measurements can therefore be used in parallel with the
RTC temperature calibration. It should be noted, however, that
the frequency of background temperature measurements is
restricted by the strobe interval set in the peripheral ADC
strobe period (STRBPER, 0xF9) when the RTC temperature
compensation was configured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com