Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 83 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 79Page - Analog Devices ADE5169 Datasheet HTML 80Page - Analog Devices ADE5169 Datasheet HTML 81Page - Analog Devices ADE5169 Datasheet HTML 82Page - Analog Devices ADE5169 Datasheet HTML 83Page - Analog Devices ADE5169 Datasheet HTML 84Page - Analog Devices ADE5169 Datasheet HTML 85Page - Analog Devices ADE5169 Datasheet HTML 86Page - Analog Devices ADE5169 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 148 page
background image
Preliminary Technical Data
ADE5166/ADE5169/ADE5566/ADE5569
Rev. PrB | Page 83 of 148
SUBB A, Source
This instruction subtracts the source byte and the carry
(borrow) flag from the accumulator. It references the carry
(borrow) status flag.
Affected Status Flags
C
Set if there is a borrow needed for Bit 7. Cleared
otherwise. Used to indicate an overflow if the
operands are unsigned.
OV
Set if there is a borrow needed for Bit 6 or Bit 7, but
not for both. Used to indicate an overflow for signed
subtraction. This flag is set if a negative number
subtracted from a positive yields a negative result or
if a positive number subtracted from a negative
number yields a positive result.
AC
Set if a borrow is needed for Bit 3. Cleared otherwise.
MUL AB
This instruction multiplies the accumulator by the B register.
This operation is unsigned. The lower byte of the 16-bit product
is stored in the accumulator and the higher byte is left in the B
register. No status flags are referenced by the instruction.
Affected Status Flags
C
Cleared
OV
Set if the result is greater than 255. Cleared otherwise.
DIV AB
This instruction divides the accumulator by the B register. This
operation is unsigned. The integer part of the quotient is stored
in the accumulator and the remainder goes into the B register.
No status flags are referenced by the instruction.
Affected Status Flags
C
Cleared
OV
Cleared unless the B register is equal to 0, in which
case the results of the division are undefined and the
OV flag is set.
DA A
This instruction adjusts the accumulator to hold two 4-bit digits
after the addition of two binary coded decimals (BCDs) with
the ADD or ADDC instructions. If the AC bit is set or if the value
of Bit 0 to Bit 3 exceeds nine, 0x06 is added to the accumulator
to correct the lower four bits. If the carry bit is set when the
instruction begins, or if 0x06 is added to the accumulator in the
first step, 0x60 is added to the accumulator to correct the higher
four bits.
The carry and AC status flags are referenced by this instruction.
Affected Status Flag
C
Set if the result is greater than 0x99. Cleared otherwise.
RRC A
This instruction rotates the accumulator to the right through
the carry flag. The old LSB of the accumulator becomes the new
carry flag, and the old carry flag is loaded into the new MSB of
the accumulator.
The carry status flag is referenced by this instruction.
Affected Status Flag
C
Equal to the state of ACC[0] before execution of the
instruction.
RLC A
This instruction rotates the accumulator to the left through the
carry flag. The old MSB of the accumulator becomes the new
carry flag, and the old carry flag is loaded into the new LSB of
the accumulator.
The carry status flag is referenced by this instruction.
Affected Status Flag
C
Equal to the state of ACC[7] before execution of the
instruction.
CJNE Destination, Source, Relative Jump
This instruction compares the source value to the destination
value and branches to the location set by the relative jump if
they are not equal. If the values are equal, program execution
continues with the instruction after the CJNE instruction.
No status flags are referenced by this instruction.
Affected Status Flag
C
Set if the source value is greater than the destination
value. Cleared otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com