Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169 Datasheet(PDF) 137 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 137 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 133Page - Analog Devices ADE5169 Datasheet HTML 134Page - Analog Devices ADE5169 Datasheet HTML 135Page - Analog Devices ADE5169 Datasheet HTML 136Page - Analog Devices ADE5169 Datasheet HTML 137Page - Analog Devices ADE5169 Datasheet HTML 138Page - Analog Devices ADE5169 Datasheet HTML 139Page - Analog Devices ADE5169 Datasheet HTML 140Page - Analog Devices ADE5169 Datasheet HTML 141Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 148 page
background image
Preliminary Technical Data
ADE5166/ADE5169/ADE5566/ADE5569
Rev. PrB | Page 137 of 148
SPI INTERRUPT AND STATUS FLAGS
The SPI interface has several status flags that indicate the status
of the double-buffered receive and transmit registers. Figure 90
shows when the status and interrupt flags are raised. The transmit
interrupt occurs when the transmit shift register is loaded with
the data in the SPI/I2C transmit buffer SFR (SPI2CTx, 0x9A)
register. If the SPI master is in transmit operating mode, and the
SPI/I2C transmit buffer SFR (SPI2CTx, 0x9A) register has not
been written with new data by the beginning of the next byte
transfer, the transmit operation stops.
When a new byte of data is received in the SPI/I2C receive
buffer SFR (SPI2CRx, 0x9B) register, the SPI receive interrupt
flag is raised. If the data in the SPI/I2C receive buffer SFR
(SPI2CRx, 0x9B) is not read before new data is ready to be
loaded into the SPI/I2C receive buffer SFR (SPI2CRx, 0x9B), an
overflow condition has occurred. This overflow condition,
indicated by the SPIRxOF flag, forces the new data to be discarded
or overwritten if the RxOFW bit is set.
SPITx
TRANSMIT SHIFT REGISTER
SPITxIRQ = 1
SPITx (EMPTY)
TRANSMIT SHIFT REGISTER
STOPS TRANSFER IF TIMODE = 1
SPIRx
RECEIVE SHIFT REGISTER
SPIRxIRQ = 1
SPIRx (FULL)
RECEIVE SHIFT REGISTER
SPIRxOF = 1
Figure 90. SPI Receive and Transmit Interrupt and Status Flags
SCLK
(SPICPOL = 0)
MISO
SCLK
(SPICPOL = 1)
MOSI
SPIRx AND
SPITx FLAGS
WITH INTMOD = 1
SPIRx AND
SPITx FLAGS
WITH INTMOD = 0
SS
SPIRx AND
SPITx FLAGS
WITH INTMOD = 0
SPICPHA = 1
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
?
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
?
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
?
MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB
?
MISO
MOSI
SPIRx AND
SPITx FLAGS
WITH INTMOD = 1
SPICPHA = 0
Figure 91. SPI Timing Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com