Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5513
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513 Datasheet(HTML) 3 Page - Analog Devices

  ADL5513 Datasheet HTML 1Page - Analog Devices ADL5513 Datasheet HTML 2Page - Analog Devices ADL5513 Datasheet HTML 3Page - Analog Devices ADL5513 Datasheet HTML 4Page - Analog Devices ADL5513 Datasheet HTML 5Page - Analog Devices ADL5513 Datasheet HTML 6Page - Analog Devices ADL5513 Datasheet HTML 7Page - Analog Devices ADL5513 Datasheet HTML 8Page - Analog Devices ADL5513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Technical Data
ADL5513
Rev. PrA | Page 3 of 12
SPECIFICATIONS
VS = 5 V, T = 25°C, ZO = 50 Ω, Pins INHI, INLO, ac-coupled , Single-ended drive, VOUT tied to VSET, Error referred to best-fit line (linear
regression),
unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Maximum Input Frequency
0.001
4
GHz
100 MHz
Output Voltage: High Power in
PIN = -10 dBm,
1.578
V
Output Voltage: Low Power in
PIN = -60 dBm
0.589
V
±3.0 dB Dynamic Range
CW input, TA = +25°C
75
dB
±1.0 dB Dynamic Range
CW input, TA = +25°C
67
dB
±0.5 dB Dynamic Range
CW input, TA = +25°
58
dB
Maximum Input Level, ±1.0 dB
9
Minimum Input Level, ±1.0 dB
-66
Deviation vs. Temperature
Deviation from output at 25°C
-40°C < TA < +85°C; PIN = -10 dBm
±0.421
dB
-40°C < TA < +85°C; PIN = −30 dBm
±0.467
dB
-40°C < TA < +85°C; PIN = -50 dBm
±0.496
dB
-40°C < TA < +125°C; PIN = -10 dBm
±0.63
dB
-40°C < TA < +125°C; PIN = − 30 dBm
±0.696
dB
-40°C < TA < +125°C; PIN = -50 dBm
±0.0.556
dB
Logarithmic Slope
21
mV/dB
Logarithmic Intercept
-88.18
dBm
Input Impedance
1500/TBD
Ω/pF
900 MHz
Output Voltage: High Power in
PIN = -10 dBm,
1.59
V
Output Voltage: Low Power in
PIN = -60 dBm
0.59
V
±3.0 dB Dynamic Range
CW input, TA = +25°C
78
dB
±1.0 dB Dynamic Range
CW input, TA = +25°C
71
dB
±0.5 dB Dynamic Range
CW input, TA = +25°
68
dB
Maximum Input Level, ±1.0 dB
8
Minimum Input Level, ±1.0 dB
-68
Deviation vs. Temperature
Deviation from output at 25°C
-40°C < TA < +85°C; PIN = -10 dBm
±0.45
dB
-40°C < TA < +85°C; PIN = −30 dBm
±0.40
dB
-40°C < TA < +85°C; PIN = -50 dBm
±0.515
dB
-40°C < TA < +125°C; PIN = -10 dBm
±0.525
dB
-40°C < TA < +125°C; PIN = − 30 dBm
±0.62
dB
-40°C < TA < +125°C; PIN = -50 dBm
±0.67
dB
Logarithmic Slope
21
mV/dB
Logarithmic Intercept
-89.07
dBm
Input Impedance
1500/TBD
Ω/pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com