Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5569 Datasheet(PDF) 96 Page - Analog Devices

Part # ADE5569
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5569 Datasheet(HTML) 96 Page - Analog Devices

Back Button ADE5569 Datasheet HTML 92Page - Analog Devices ADE5569 Datasheet HTML 93Page - Analog Devices ADE5569 Datasheet HTML 94Page - Analog Devices ADE5569 Datasheet HTML 95Page - Analog Devices ADE5569 Datasheet HTML 96Page - Analog Devices ADE5569 Datasheet HTML 97Page - Analog Devices ADE5569 Datasheet HTML 98Page - Analog Devices ADE5569 Datasheet HTML 99Page - Analog Devices ADE5569 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Preliminary Technical Data
Rev. PrB | Page 96 of 148
BLINK MODE
Blink mode is enabled by setting the BLINKEN bit in the LCD
configuration SFR (LCDCON, 0x95). This mode is used to
alternate between the LCD on state and LCD off state so that
the LCD screen appears to blink. There are two blinking modes:
a software controlled blink mode and an automatic blink mode.
Software Controlled Blink Mode
The LCD blink rate can be controlled by user code with the
BLKMOD[1:0] bits in the LCD clock SFR (LCDCLK, 0x96) by
toggling the bits to turn the display on and off at a rate deter-
mined by the MCU code.
Automatic Blink Mode
There are five blink rates. These blink rates are selected by the
BLKMOD[1:0] and BLKFREQ[1:0] bits in the LCD clock SFR
(LCDCLK, 0x96); see Table 85.
SCROLLING MODE
The ADE5166/ADE5169/ADE5566/ADE5569 provide the
possibility to have four screens in memory. The LCD driver can
use any of these screens by setting the SCREEN_SEL bits in the
LCD Configuration Y SFR (LCDCONY, 0xB1) and clearing the
refresh bit in the same register. The software scrolling of the
screens can then be achieved by a one-command instruction.
Automatic Scrolling Mode
The ADE5166/ADE5169/ADE5566/ADE5569 also provide
an automatic scrolling between the screens using the five
blink rates available. This mode is enabled by setting bit
AUTOSCREENSCROLL in the LCD Configuration Y SFR
(LCDCONY, 0xB1) and also the BLINKEN bit in the LCD
configuration SFR (LCDCON 0x95). To allow the scrolling
frequency to be selected, the BLKMOD[1:0] bits in the LCD
Clock register (LCDCLK, 0x96) should both be set to 1. The
scrolling rates are then selected by the BLKFREQ[1:0] bits
in the LCD Clock register (LCDCLK, 0x96); see Table 85.
Automatic scrolling mode is available in all operating modes.
DISPLAY ELEMENT CONTROL
Four banks of 15 bytes of data memory located in the LCD
module controls the on or off state of each segment of the LCD.
The LCD data memory is stored in Address 0 through Address
14 in the LCD module with two extra bits defining which one of
the four screen is being addressed.
Each byte configures the on and off states of two segment lines.
The LSBs store the state of the even numbered segment lines
and the MSBs store the state of the odd numbered segment
lines. For example, LCD Data Address 0 refers to segment Line
1 and Line 0 (see Table 92). Note that the LCD data memory is
maintained in the PSM2 operating mode.
The LCD data memory is accessed indirectly through the LCD
pointer SFR (LCDPTR, 0xAC) and LCD data SFR (LCDDAT,
0xAE). Moving a value to the LCDPTR SFR selects the LCD
screen and data byte to be accessed and initiates a read or write
operation (see Table 89).
Writing to LCD Data Registers
To update the LCD data memory, first set the LSB of the LCD
Configuration Y SFR (LCDCONY, 0xB1) to freeze the data
being displayed on the LCD while updating it. This operation
ensures that the data displayed on the screen does not change
while the data is being changed. Then, move the data to the
LCD data SFR (LCDDAT, 0xAE) prior to accessing the LCD
pointer SFR (LCDPTR, 0xAC). The address of the LCD screen
should be consistent with the data changed. When the MSB of
the LCD pointer SFR (LCDPTR, 0xAC) is set, the content of the
LCD data SFR (LCDDAT, 0xAE) is transferred to the internal
LCD data memory designated by the address in the LCD pointer
SFR (LCDPTR, 0xAC) and the screen designator. Clear the LSB
of the LCD Configuration Y SFR (LCDCONY, 0xB1) when all
of the data memory has been updated to allow the use of the
new LCD setup for display.
Sample 8052 code to update the segments attached to Pin FP10
and Pin FP11 on Screen 1 is as follows:
ORL
LCDCONY,#01h
;start updating the data
MOV
LCDDAT,#FFh
MOV
LCDPTR,#80h OR 05h
ANL
LCDCONY,#0FEh ;update finished
Reading LCD Data Registers
When the MSB of the LCD pointer SFR (LCDPTR, 0xAC) is
cleared, the content of the LCD data memory of the corresponding
screen designated by LCDPTR is transferred to the LCD data
SFR (LCDDAT, 0xAE).
Sample 8052 code to read the contents of LCD Data Memory
Address 0x07 on Screen 1, which holds the on and off state of
the segments attached to FP14 and FP15, is as follows.
MOV
LCDPTR,#07h
MOV
R1, LCDDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com