Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP130AUJZ-0.8-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP130AUJZ-0.8-R7
Description  350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP130AUJZ-0.8-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP130AUJZ-0.8-R7 Datasheet HTML 5Page - Analog Devices ADP130AUJZ-0.8-R7 Datasheet HTML 6Page - Analog Devices ADP130AUJZ-0.8-R7 Datasheet HTML 7Page - Analog Devices ADP130AUJZ-0.8-R7 Datasheet HTML 8Page - Analog Devices ADP130AUJZ-0.8-R7 Datasheet HTML 9Page - Analog Devices ADP130AUJZ-0.8-R7 Datasheet HTML 10Page - Analog Devices ADP130AUJZ-0.8-R7 Datasheet HTML 11Page - Analog Devices ADP130AUJZ-0.8-R7 Datasheet HTML 12Page - Analog Devices ADP130AUJZ-0.8-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADP130
Rev. 0 | Page 9 of 20
VIN (V)
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
3.20
0
100
200
300
400
500
600
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
LOAD = 350mA
Figure 16. Ground Current vs. Input Voltage (in Dropout), VOUT = 3 V
VIN (V)
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
3.20
13
14
15
16
17
18
LOAD = 100mA
LOAD = 50mA
LOAD = 10mA
LOAD = 350mA
LOAD = 200mA
Figure 17. Bias Current vs. Input Voltage (in Dropout), VOUT = 3 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
VRIPPLE = 50mV
VIN = 3.6V
VOUT = 3.0V
COUT = 1µF
FREQUENCY (Hz)
LOAD = 100µA
LOAD = 10mA
LOAD = 100mA
LOAD = 350mA
Figure 18. Power Supply Rejection Ratio vs. Frequency, VIN Input
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
VRIPPLE = 50mV
VIN = 2.8V
VOUT = 1.8V
COUT = 1µF
FREQUENCY (Hz)
LOAD = 100µA
LOAD = 10mA
LOAD = 100mA
LOAD = 350mA
Figure 19. Power Supply Rejection Ratio vs. Frequency, VIN Input
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
VRIPPLE = 50mV
VIN = 2.2V
VOUT = 1.2V
COUT = 1µF
FREQUENCY (Hz)
LOAD = 100µA
LOAD = 10mA
LOAD = 100mA
LOAD = 350mA
Figure 20. Power Supply Rejection Ratio vs. Frequency, VIN Input
–120
–100
–80
–60
–40
–20
0
10
100
1k
10k
100k
1M
10M
VRIPPLE = 50mV
VIN = 1.8V
VOUT = 0.8V
COUT = 1µF
FREQUENCY (Hz)
LOAD = 100µA
LOAD = 10mA
LOAD = 100mA
LOAD = 350mA
Figure 21. Power Supply Rejection Ratio vs. Frequency, VIN Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com