Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP130AUJZ-1.8-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP130AUJZ-1.8-R7
Description  350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP130AUJZ-1.8-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP130AUJZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP130AUJZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP130AUJZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP130AUJZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP130AUJZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP130AUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP130AUJZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP130AUJZ-1.8-R7 Datasheet HTML 11Page - Analog Devices ADP130AUJZ-1.8-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP130
Rev. 0 | Page 8 of 20
ILOAD (mA)
1
10
100
1000
0
5
10
15
20
25
Figure 10. Bias Current vs. Load Current
0
20
40
60
80
100
120
140
160
180
200
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
LOAD = 350mA
LOAD = 200mA
VIN (V)
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
Figure 11. Ground Current vs. Input Voltage
0
5
10
15
20
25
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VIN (V)
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
LOAD = 350mA
Figure 12. Bias Current vs. Input Voltage
ILOAD (mA)
0
10
20
30
40
50
60
10
100
1000
VOUT = 3V
TA = 25°C
Figure 13. Dropout Voltage vs. Load Current, VOUT = 3 V
ILOAD (mA)
10
100
1000
0
10
20
30
40
50
60
70
80
TA = 25°C
VOUT = 3.0V
VOUT = 1.8V
Figure 14. Dropout Voltage vs. Output Voltage and Load Current
VIN (V)
2.65
2.70
2.75
2.80
2.85
2.90
2.95
3.00
3.05
2.75
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
3.20
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 200mA
LOAD = 350mA
Figure 15. Output Voltage vs. Input Voltage (in Dropout), VOUT = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com