Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2128 Datasheet(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

Part # AP2128
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2128 Datasheet(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2128 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2128 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128
Data Sheet
13
Jun. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Typical Application
VOUT=0.8*(1+R1/R2) V
V
IN
V
IN
V
OUT
V
OUT
Shutdown
GND
C
OUT
1
µF
C
IN
1
µF
AP2128
V
IN
V
IN
V
OUT
V
OUT
ADJ
Shutdown
GND
C
OUT
1
µF
C
IN
1
µF
R1
R2
AP2128
VOUT=1.0, 1.2, 3.3V
Figure 22. Typical Application of AP2128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com