Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD17 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CD17
Description  High-Frequency, Mica Capacitors High-Frequency Capacitors for CATV and RF Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CD17 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CD17 Datasheet HTML 1Page - Cornell Dubilier Electronics CD17 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Types CD17, CD18 & CDV18, High-Frequency, Mica Capacitors
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com
High-Frequency Capacitors for CATV and RF Applications
Types CD17 and CD18 assure controlled, reasonance-
free performance through 1 GHz. Insertion loss data is
typically flat within ±0.1 dB over the entire frequency
range, and is specified to be flat within ±0.2 dB.
Interchangeable with the most popular, common mica
capacitors, Type CD17 is available in the same case
sizes and lead spacing as CD15; CD18, in the same
case sizes and lead spacing as CD19, and CDV18, in
the same as CDV19.
• Shockproof and delamination free
• Near zero capacitance change with (t), (V) and (f)
• Very high Q at UHF/VHF frequencies
• 0.0005 typical dissipation factor
• 100,000 V/µs dV/dt capability minimum
• Low, notch-free impedance to beyond 1 GHz
• Ultra low ESR for cool operation
Voltage Range:
100 Vdc to 1,000 Vdc
Capacitance Range:
1 pF to 5,100 pF
Capacitance Tolerance:
±1⁄2 pF (D), ±1 pF (C), ±1⁄2% (E), ±1% (F), ±2% (G), ±5% (J)
Temperature Range:
–55 °C to +150 °C
Typical Perfomance Curves
Specifications
Highlights
Measured at
point where
phenolic cone
becomes a
cylinder
S
±.031.
.078
. Max.
no solder
H Max.
1
.
Min.


Similar Part No. - CD17

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD17HS JIANGHAI-CD17HS Datasheet
587Kb / 2P
Copampact and light weight
More results

Similar Description - CD17

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CD4FA911J03 CDE-CD4FA911J03 Datasheet
171Kb / 2P
High-Frequency, Mica Capacitors
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG6R3DC-W TAIYO-YUDEN-TVS042CG6R3DC-W Datasheet
143Kb / 1P
Ceramic Capacitors for High Frequency Applications
logo
Cornell Dubilier Electr...
CD4 CDE-CD4 Datasheet
625Kb / 3P
Ultra-High-Frequency Capacitor for CATV and RF Applications 0.1??Lead Spacing
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG1R2AC-W TAIYO-YUDEN-TVS042CG1R2AC-W Datasheet
420Kb / 3P
Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG1R4AC-W TAIYO-YUDEN-TVS042CG1R4AC-W Datasheet
420Kb / 3P
Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG2R1AC-W TAIYO-YUDEN-TVS042CG2R1AC-W Datasheet
420Kb / 3P
Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG2R2AC-W TAIYO-YUDEN-TVS042CG2R2AC-W Datasheet
420Kb / 3P
Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG2R3AC-W TAIYO-YUDEN-TVS042CG2R3AC-W Datasheet
420Kb / 3P
Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG2R6AC-W TAIYO-YUDEN-TVS042CG2R6AC-W Datasheet
420Kb / 3P
Multilayer Ceramic Capacitors for High Frequency Applications
TVS042CG8R1BC-W TAIYO-YUDEN-TVS042CG8R1BC-W Datasheet
393Kb / 3P
Multilayer Ceramic Capacitors for High Frequency Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com