Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3012 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3012
Description  1.5MHz STEP-UP DC-DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3012 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3012 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3012 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1.5MHz STEP-UP DC-DC CONVERTER
AP3012
2
Apr. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 2. Pin Configuration of AP3012 (Top View)
Pin Description
Pin Number
Pin Name
Function
1SW
Switch Pin. Connect inductor/diode here. The output voltage can go up to 29V but should not
exceed this limit. If the voltage on this pin is higher than the overvoltage protection (OVP)
threshold, the device can go into shutdown mode. It can be restarted by a low to high pulse on
the SHDN pin, or by a power on reset on the VIN supply
2
GND
Ground Pin. Connect directly to local ground plane
3
FB
Feedback Pin. Internally compares to 1.25V. Connect R1 and R2 resistor divider here. Calcu-
late the Output Voltage according to the formula: VOUT=1.25V * (1+R1/R2)
4
SHDN
Shutdown Pin. Connect to 1.5V or higher to enable device (ON), 0.4V or lower to disable
device (OFF)
5VIN
Input Supply Pin. Must be locally bypassed
Pin Configuration
K Package
(SOT-23-5)
SW
FB
VIN
SHDN
3
2
1
4
5
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com