Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR13 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # CSR13
Description  Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CSR13 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  CSR13 Datasheet HTML 1Page - Cornell Dubilier Electronics CSR13 Datasheet HTML 2Page - Cornell Dubilier Electronics CSR13 Datasheet HTML 3Page - Cornell Dubilier Electronics CSR13 Datasheet HTML 4Page - Cornell Dubilier Electronics CSR13 Datasheet HTML 5Page - Cornell Dubilier Electronics CSR13 Datasheet HTML 6Page - Cornell Dubilier Electronics CSR13 Datasheet HTML 7Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CSR13 (MIL-C-39003/01) Solid Tantalum Capacitors
MIL-C-39003/1 (CSR 13) Dash Numbers
Max.
Exponential Failure Rate
Weibull Failure Rate
Max
DF
(% per 1000 hours)
(% per 1000 hours)
Catalog
Cap
Case
DCL
@ +25 ºC
'M'
'P'
'R'
'S'
'B'
'C'
'D'
Cap
Part Number Tolerance
Code
@ +25 ºC 120 Hz
Level
Level
Level
Level
Level
Level
Level
(µF)
(%)
(µA)
(%)
(1.0)
(.10)
(.01)
(.001)
(.10)
(.01)
(.001)
50 WVdc @ +85 ºC — 33 WVdc @ +125 ºC
0.0068 CSR13G682K*
10
A
0.1
2
2317
2557
2797
3037
6129
7129
8129
0.0068 CSR13G682M*
20
A
0.1
2
2318
2558
2798
3038
6130
7130
8130
0.0082 CSR13G822K*
10
A
0.1
2
2319
2559
2799
3039
6132
7132
8132
0.010
CSR13G103K*
10
A
0.1
2
2320
2560
2800
3040
6134
7134
8134
0.010
CSR13G103M*
20
A
0.1
2
2321
2561
2801
3041
6135
7135
8135
0.012
CSR13G123K*
10
A
0.1
2
2322
2562
2802
3042
6137
7137
8137
0.015
CSR13G153K*
10
A
0.1
2
2323
2563
2803
3043
6139
7139
8139
0.015
CSR13G153M*
20
A
0.1
2
2324
2564
2804
3044
6140
7140
8140
0.018
CSR13G183K*
10
A
0.1
2
2325
2565
2805
3045
6142
7142
8142
0.022
CSR13G223K*
10
A
0.1
2
2326
2566
2806
3046
6144
7144
8144
0.022
CSR13G223M*
20
A
0.1
2
2327
2567
2807
3047
6145
7145
8145
0.027
CSR13G273K*
10
A
0.1
2
2328
2568
2808
3048
6147
7147
8147
0.033
CSR13G333K*
10
A
0.1
2
2329
2569
2809
3049
6149
7149
8149
0.033
CSR13G333M*
20
A
0.1
2
2330
2570
2810
3050
6150
7150
8150
0.039
CSR13G393K*
10
A
0.1
2
2331
2571
2811
3051
6152
7152
8152
0.047
CSR13G473K*
10
A
0.1
2
2332
2572
2812
3052
6154
7154
8154
0.047
CSR13G473M*
20
A
0.1
2
2333
2573
2813
3053
6155
7155
8155
0.056
CSR13G563K*
10
A
0.1
2
2334
2574
2814
3054
6157
7157
8157
0.068
CSR13G683K*
10
A
0.1
2
2335
2575
2815
3055
6159
7159
8159
0.068
CSR13G683M*
20
A
0.1
2
2336
2576
2816
3056
6160
7160
8160
0.082
CSR13G823K*
10
A
0.1
2
2337
2577
2817
3057
6162
7162
8162
0.10
CSR13G104K*
10
A
0.3
2
2338
2578
2818
3058
6164
7164
8164
0.10
CSR13G104M*
20
A
0.3
2
2339
2579
2819
3059
6165
7165
8165
0.12
CSR13G124K*
10
A
0.3
2
2340
2580
2820
3060
6167
7167
8167
0.15
CSR13G154K*
10
A
0.3
2
2341
2581
2821
3061
6169
7169
8169
0.15
CSR13G154M*
20
A
0.3
2
2342
2582
2822
3062
6170
7170
8170
0.18
CSR13G184K*
10
A
0.3
2
2343
2583
2823
3063
6172
7172
8172
0.22
CSR13G224K*
10
A
0.3
2
2344
2584
2824
3064
6174
7174
8174
0.22
CSR13G224M*
20
A
0.3
2
2345
2585
2825
3065
6175
7175
8175
0.27
CSR13G274K*
10
A
0.3
2
2346
2586
2826
3066
6177
7177
8177
0.33
CSR13G334K*
10
A
0.3
2
2347
2587
2827
3067
6179
7179
8179
0.33
CSR13G334M*
20
A
0.3
2
2348
2588
2828
3068
6180
7180
8180
0.39
CSR13G394K*
10
A
0.3
2
2349
2589
2829
3069
6182
7182
8182
0.47
CSR13G474K*
10
A
0.3
2
2350
2590
2830
3070
6184
7184
8184
0.47
CSR13G474M*
20
A
0.3
2
2351
2591
2831
3071
6185
7185
8185
0.56
CSR13G564K*
10
A
0.3
2
2352
2592
2832
3072
6187
7187
8187
0.68
CSR13G684K*
10
A
0.3
2
2353
2593
2833
3073
6189
7189
8189
0.68
CSR13G684M*
20
A
0.3
2
2354
2594
2834
3074
6190
7190
8190
0.82
CSR13G824K*
10
A
0.3
2
2355
2595
2835
3075
6192
7192
8192
1.00
CSR13G105K*
10
A
0.4
2
2356
2596
2836
3076
6194
7194
8194
* Failure rate level indicator
(M, P, R, S)
Ratings
MIL-C-39003/1 (CSR13) Dash Numbers
Max.
Exponential Failure Rate
Weibull Failure Rate
Max
DF
(% per 1000 hours)
(% per 1000 hours)
Catalog
Cap
Case
DCL
@ +25 ºC
'M'
'P'
'R'
'S'
'B'
'C'
'D'
Cap
Part Number
Tol. ±
Code @ +25 ºC 120 Hz
Level
Level
Level
Level
Level
Level
Level
(µF)
(%)
(µA)
(%)
(1.0)
(.10)
(.01)
(.001)
(.10)
(.01)
(.001)
50 WVdc @ +85 ºC — 33 WVdc @ +125 ºC
1
CSR13G105M*
20
A
0.4
2
2357
2597
2837
3077
6195
7195
8195
1.2
CSR13G125K*
10
B
0.4
4
2358
2598
2838
3078
6197
7197
8197
1.5
CSR13G155K*
10
B
0.5
4
2359
2599
2839
3079
6199
7199
8199
1.5
CSR13G155M*
20
B
0.5
4
2360
2600
2840
3080
6200
7200
8200
1.8
CSR13G185K*
10
B
0.5
4
2361
2601
2841
3081
6202
7202
8202
2.2
CSR13G225K*
10
B
0.8
4
2362
2602
2842
3082
6204
7204
8204
2.2
CSR13G225M*
20
B
0.8
4
2363
2603
2843
3083
6205
7205
8205
2.7
CSR13G275K*
10
B
0.8
4
2364
2604
2844
3084
6207
7207
8207
3.3
CSR13G335K*
10
B
1.2
4
2365
2605
2845
3085
6209
7209
8209
3.3
CSR13G335M*
20
B
1.2
4
2366
2606
2846
3086
6210
7210
8210
3.9
CSR13G395K*
10
B
1.5
4
2367
2607
2847
3087
6212
7212
8212
4.7
CSR13G475K*
10
B
1.7
4
2368
2608
2848
3088
6214
7214
8214
4.7
CSR13G475M*
20
B
1.7
4
2369
2609
2849
3089
6215
7215
8215
5.6
CSR13G565K*
10
C
2.2
4
2370
2610
2850
3090
6217
7217
8217
6.8
CSR13G685K*
10
C
2.2
4
2371
2611
2851
3091
6219
7219
8219
6.8
CSR13G685M*
20
C
2.2
4
2372
2612
2852
3092
6220
7220
8220
8.2
CSR13G825K*
10
C
2.5
4
2373
2613
2853
3093
6222
7222
8222
10
CSR13G106K*
10
C
2.5
4
2374
2614
2854
3094
6224
7224
8224
10
CSR13G106M*
20
C
2.5
4
2375
2615
2855
3095
6225
7225
8225
12
CSR13G126K*
10
C
0.3
4
2376
2616
2856
3096
6227
7227
8227
15
CSR13G156K*
10
C
4.0
4
2377
2617
2857
3097
6229
7229
8229
15
CSR13G156M*
20
C
4.0
4
2378
2618
2858
3098
6230
7230
8230
18
CSR13G186K*
10
C
4.5
4
2379
2619
2859
3099
6232
7232
8232
22
CSR13G226K*
10
D
5.5
4
2380
2620
2860
3100
6234
7234
8234
22
CSR13G226M*
20
D
5.5
4
2381
2621
2861
3101
6235
7235
8235
75 WVdc @ +85 ºC — 50 WVdc @ +125 ºC
0.10
CSR13H104K*
10
A
0.3
2
2382
2622
2862
3102
6237
7237
8237
0.10
CSR13H104M*
20
A
0.3
2
2383
2623
2863
3103
6238
7238
8238
0.12
CSR13H124K*
10
A
0.3
2
2384
2624
2864
3104
6240
7240
8240
0.15
CSR13H154K*
10
A
0.3
2
2385
2625
2865
3105
6242
7242
8242
0.15
CSR13H154K*
20
A
0.3
2
2386
2626
2866
3106
6243
7243
8243
0.18
CSR13H184K*
10
A
0.3
2
2387
2627
2867
3107
6245
7245
8245
0.22
CSR13H224K*
10
A
0.3
2
2388
2628
2868
3108
6247
7247
8247
0.22
CSR13H224M*
20
A
0.3
2
2389
2629
2869
3109
6248
7248
8248
0.27
CSR13H274K*
10
A
0.3
2
2390
2630
2870
3110
6250
7250
8250
0.33
CSR13H334K*
10
A
0.3
2
2391
2631
2871
3111
6252
7252
8252
0.33
CSR13H334M*
20
A
0.3
2
2392
2632
2872
3112
6253
7253
8253
0.39
CSR13H394K*
10
A
0.3
2
2393
2633
2873
3113
6255
7255
8255
0.47
CSR13H474K*
10
A
0.3
2
2394
2634
2874
3114
6257
7257
8257
0.47
CSR13H474M*
20
A
0.3
2
2395
2635
2875
3115
6258
7258
8258
0.68
CSR13H684M*
20
A
0.3
2
2398
2638
2878
3118
6263
7263
8263



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com