Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

556331M063DH2 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 556331M063DH2
Description  Computer Grade, Axial Leaded, Aluminum
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

556331M063DH2 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  556331M063DH2 Datasheet HTML 1Page - Cornell Dubilier Electronics 556331M063DH2 Datasheet HTML 2Page - Cornell Dubilier Electronics 556331M063DH2 Datasheet HTML 3Page - Cornell Dubilier Electronics 556331M063DH2 Datasheet HTML 4Page - Cornell Dubilier Electronics 556331M063DH2 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
105 °C, Computer Grade
Type 556 capacitors are designed for data processing,
telecom and instrumentation applications requiring
smaller size with extended temperature range. They
have longer life and up to twice the ripple capability
of +85 °C capacitors.
Highlights
Small size
Extended life
Extended temperature
Twice ripple capability of +85 C capacitors
Designed for data processing, telecom
and instrumentation applications
Frequency
50 Hz
60 Hz
120 Hz
360 Hz 1 kHz
5 kHz
10 kHz+
0-60 Vdc
0.85
1.00
1.10
1.15
1.15
1.15
1.15
61-150 Vdc
0.83
1.00
1.15
1.20
1.20
1.20
1.20
45 °C
55 °C
65 °C
75 °C
85 °C
95 °C
105 °C
1.50
1.46
1.32
1.17
1.00
0.79
0.50
Load Life:
4,000 h @ +105 °C, capacitance
20%, ESR 200% of limit, DCL 100% of limit
Shelf Life:
100 h at 105 °C, capacitance, ESR & DCL, initial requirements.
Vibration:
10 to 55 Hz; 0.06” and 10 g max, 2 h. in each plane
Outline Drawings
38 mm min.
L
20 AWG 0.81
D
Specifications
Operating Temperature Range:
40 °C to +105 °C
Rated Voltage Range:
6.3 to 450 Vdc
Capacitance:
1.5 F to 6,800 F
Capacitance Tolerance:
20%
Leakage Current:
3-20 Vdc 0.1
CV +2 A
25 Vdc & up 0.2
CV +2 A
Ripple Current:
Ambient Temperature
38 mm min.
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 556 105 °C, Computer Grade, Axial Leaded, Aluminum


Similar Part No. - 556331M063DH2

ManufacturerPart #DatasheetDescription
logo
Lapp.
556322FX LAPP-556322FX Datasheet
1Mb / 5P
20A Pin & Sleeve Connectors
logo
Festo Corporation.
556379 FESTO-556379 Datasheet
81Kb / 2P
Air solenoid valve
logo
Molex Electronics Ltd.
55638-1419 MOLEX7-55638-1419 Datasheet
176Kb / 3P
2.54mm (.100") Pitch QF-50??Flat Ribbon Cable Header, Dual Row, Right Angle Shrouded Header with Eject Levers, 14 Circuits, Lead-free
55638-2019 MOLEX7-55638-2019 Datasheet
176Kb / 3P
2.54mm (.100") Pitch QF-50??Flat Ribbon Cable Header, Dual Row, Right AngleShrouded Header with Eject Levers, 20 Circuits, Lead-free
55638-4019 MOLEX7-55638-4019 Datasheet
176Kb / 3P
2.54mm (.100") Pitch QF-50??Flat Ribbon Cable Header, Dual Row, Right Angle,Shrouded Header with Eject Levers, 40 Circuits, Lead-free
More results

Similar Description - 556331M063DH2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CGS ETC1-CGS Datasheet
1Mb / 7P
Computer Grade Aluminum Electrolytic Capacitor
066182U6R3FE2 ETC2-066182U6R3FE2 Datasheet
75Kb / 6P
Standard, Axial Leaded, Aluminum
057152U6R3FE2 ETC2-057152U6R3FE2 Datasheet
175Kb / 4P
Military Grade, Axial Leaded, Aluminum
WBR100-16A ETC2-WBR100-16A Datasheet
163Kb / 2P
Industrial Grade, Axial Leaded, Aluminum
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
Type 057 105 째C Military Grade, Axial Leaded, Aluminum
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
NLW200-6 CDE-NLW200-6 Datasheet
156Kb / 2P
105 ?C, Miniature Computer Grade, Axial Leaded
TC1530 CDE-TC1530 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
WBR100-16A CDE-WBR100-16A Datasheet
163Kb / 2P
Industrial Grade, Axial Leaded, Aluminum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com