Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN331M6R3ST Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SN331M6R3ST
Description  85 쨘C Non-Polar Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SN331M6R3ST Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SN331M6R3ST Datasheet HTML 1Page - Cornell Dubilier Electronics SN331M6R3ST Datasheet HTML 2Page - Cornell Dubilier Electronics SN331M6R3ST Datasheet HTML 3Page - Cornell Dubilier Electronics SN331M6R3ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SN 85 ºC Non-Polar Aluminum Electorlytic Capacitors
Part Numbering System
SN
100
M
100
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SN
1R0 = 1
M = ±20
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
010 = 10 E = Different Characteristic
2 = Lead form
101 = 100
100 = 100 R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 WVNP (8 VNP Surge)
33
SN330M6R3ST
9.65
63
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SN470M6R3ST
6.78
84
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
100
SN101M6R3ST
3.18
140
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
220
SN221M6R3ST
1.45
235
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
330
SN331M6R3ST
0.97
310
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
470
SN471M6R3ST
0.68
400
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
1000
SN102M6R3ST
0.32
690
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
2200
SN222M6R3ST
0.16
1250
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
10 WVNP (13 VNP Surge)
10
SN100M010ST
26.54
42
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SN220M010ST
12.06
57
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SN330M010ST
8.04
77
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SN470M010ST
5.65
93
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
100
SN101M010ST
2.65
193
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
220
SN221M010ST
1.21
255
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
330
SN331M010ST
0.80
380
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
470
SN471M010ST
0.56
470
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
1000
SN102M010ST
0.27
885
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
2200
SN222M010ST
0.13
1450
.630 (16.0) 1.42 (36.0)
.295 (7.5)
.0315 (0.8)
16 WVNP (20 VNP Surge)
10
SN100M016ST
22.56
42
.236 (6.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SN220M016ST
10.25
69
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
33
SN330M016ST
6.84
98
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
47
SN470M016ST
4.80
115
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
100
SN101M016ST
2.26
205
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
220
SN221M016ST
1.03
330
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
330
SN331M016ST
0.68
445
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
470
SN471M016ST
0.48
570
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
1000
SN102M016ST
0.23
1020
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
Ratings
RoHS Compliant



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com