Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85C51SND3B3 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # 85C51SND3B3
Description  Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

85C51SND3B3 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button 85C51SND3B3 Datasheet HTML 17Page - ATMEL Corporation 85C51SND3B3 Datasheet HTML 18Page - ATMEL Corporation 85C51SND3B3 Datasheet HTML 19Page - ATMEL Corporation 85C51SND3B3 Datasheet HTML 20Page - ATMEL Corporation 85C51SND3B3 Datasheet HTML 21Page - ATMEL Corporation 85C51SND3B3 Datasheet HTML 22Page - ATMEL Corporation 85C51SND3B3 Datasheet HTML 23Page - ATMEL Corporation 85C51SND3B3 Datasheet HTML 24Page - ATMEL Corporation 85C51SND3B3 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 263 page
background image
21
AT85C51SND3Bx
7632A–MP3–03/06
Idle Mode
Idle mode is a power reduction mode that reduces the power consumption. In this mode,
program execution halts. Idle mode freezes the clock to the CPU at known states while
the peripherals continue to be clocked (refer to Section “System Clock Generator”,
page 29). The CPU status before entering Idle mode is preserved, i.e., the program
counter and program status word register retain their data for the duration of Idle mode.
The contents of the SFRs and RAM are also retained.
Entering Idle Mode
To enter Idle mode, the user must set the IDL bit in PCON register while PMLCK is
cleared. The AT85C51SND3B enters Idle mode upon execution of the instruction that
sets IDL bit. The instruction that sets IDL bit is the last instruction executed.
Note:
If IDL bit and PD bit are set simultaneously, the AT85C51SND3B enter Power-down
mode. Then it does not go in Idle mode when exiting Power-down mode.
Exiting Idle Mode
There are 2 ways to exit Idle mode:
1.
Generate an enabled interrupt.
–
Hardware clears IDL bit in PCON register which restores the clock to the CPU.
Execution resumes with the interrupt service routine. Upon completion of the
interrupt service routine, program execution resumes with the instruction
immediately following the instruction that activated Idle mode. The general-
purpose flags (GF1 and GF0 in PCON register) may be used to indicate
whether an interrupt occurred during normal operation or during Idle mode.
When Idle mode is exited by an interrupt, the interrupt service routine may
examine GF1 and GF0.
2.
Generate a reset.
–
A logic high on the RST pin clears IDL bit in PCON register directly and
asynchronously. This restores the clock to the CPU. Program execution
momentarily resumes with the instruction immediately following the instruction
that activated the Idle mode and may continue for a number of clock cycles
before the internal reset algorithm takes control. Reset initializes the
AT85C51SND3B and vectors the CPU to address 0000h.
Note:
During the time that execution resumes, the internal RAM cannot be accessed; however,
it is possible for the Port pins to be accessed. To avoid unexpected outputs at the Port
pins, the instruction immediately following the instruction that activated Idle mode should
not write to a Port pin or to the external RAM.
Power-down Mode
The Power-down mode places the AT85C51SND3B in a very low power state. Power-
down mode stops the oscillator and freezes all clocks at known states (refer to the
Section “Oscillator”, page 27). The CPU status prior to entering Power-down mode is
preserved, i.e., the program counter, program status word register retain their data for
the duration of Power-down mode. In addition, the SFRs and RAM contents are
preserved.
Entering Power-down Mode
To enter Power-down mode, set PD bit in PCON register while PMLCK is cleared. The
AT85C51SND3B enters the Power-down mode upon execution of the instruction that
sets PD bit. The instruction that sets PD bit is the last instruction executed.
Exiting Power-down Mode
There are 2 ways to exit the Power-down mode:
1.
Generate an enabled external interrupt.
–
The AT85C51SND3B provides capability to exit from Power-down using INT0,
INT1, and KIN3:0 inputs. In addition, using KIN input provides high or low level
exit capability (see Section “Keyboard Interface”, page 239).
Hardware clears PD bit in PCON register which starts the oscillator and restores



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com