Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5563R3M450DF2 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 5563R3M450DF2
Description  Computer Grade, Axial Leaded, Aluminum
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

5563R3M450DF2 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  5563R3M450DF2 Datasheet HTML 1Page - Cornell Dubilier Electronics 5563R3M450DF2 Datasheet HTML 2Page - Cornell Dubilier Electronics 5563R3M450DF2 Datasheet HTML 3Page - Cornell Dubilier Electronics 5563R3M450DF2 Datasheet HTML 4Page - Cornell Dubilier Electronics 5563R3M450DF2 Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
35 Vdc (45 Vdc Surge) (cont’d)
680
556681M035MF2
0.39
0.780
11 x 32
1000
556102M035MH2
0.28
1.020
11 x 38
1200
556122M035EH2
0.23
1.090
12.5 x 38
1500
556152M035ER2
0.19
1.400
12.5 x 44.5
2700
556272M035FR2
0.15
2.000
16 x 44.5
3300
556332M035LV2
0.14
2.180
18 x 40
40 Vdc (50 Vdc Surge)
27
556270M040BA2
8.70
0.078
6.3 x l3
56
556560M040BB2
4.35
0.115
6.3 x 17.5
68
556680M040CB2
3.65
0.155
8 x 17.5
120
556121M040CC2
2.05
0.223
8 x 20.5
180
556181M040DC2
1.36
0.300
9.5 x 20.5
270
556271M040DD2
0.96
0.397
9.5 x 24
390
556391M040DF2
0.63
0.570
9.5 x 32
560
556561M040DH2
0.44
0.702
9.5 x 38
680
556681M040MF2
0.37
0.950
11 x 32
1000
556102M040EH2
0.24
1.080
12.5 x 38
1000
556102M040MH2
0.25
1.000
11 x 38
1200
556122M040ER2
0.21
1.330
12.5 x 44.5
2200
556222M040FR2
0.15
1.870
16 x 44.5
2700
556272M040LV2
0.14
2.070
18 x 40
50 Vdc (65 Vdc Surge)
22
556220M050BA2
11.70
0.067
6.3 x 13
39
556390M050BB2
6.63
0.100
6.3 x 17.5
47
556470M050CB2
5.50
0.130
8 x l7.5
82
556820M050CC2
3.15
0.190
8 x 20.5
120
556121M050DC2
2.15
0.250
9.5 x 20.5
180
556181M050DD2
1.43
0.335
9.5 x 24
270
556271M050DF2
1.05
0.450
9.5 x 32
390
556391M050DH2
0.66
0.600
9.5 x 38
470
556471M050MF2
0.55
0.660
11 x 32
680
556681M050EH2
0.38
0.975
12.5 x 38
680
556681M050MH2
0.38
0.880
11 x 38
1000
556102M050ER2
0.26
1.210
12.5 x 44.5
1200
556122M050FH2
0.22
1.400
16 x 38
1500
556152M050FR2
0.18
1.670
16 x 44.5
1800
556182M050LV2
0.14
1.920
18 x 40
63 Vdc (75 Vdc Surge)
18
556180M063BA2
13.60
0.060
6.3 X 13
33
556330M063BB2
7.50
0.090
6.3 X 17.5
39
556390M063CB2
6.30
0.120
8 X 17.5
68
556680M063CC2
3.50
0.175
8 X 20.5
100
556101M063DC2
2.40
0.242
9.5 X 20.5
150
556151M063DD2
1.63
0.300
9.5 X 24
220
556221M063DF2
1.08
0.420
9.5 X 32
330
556331M063DH2
0.72
0.575
9.5 X 38
390
556391M063MF2
0.63
0.652
11 X 32
470
556471M063MH2
0.51
0.750
11 X 38
560
556561M063EH2
0.42
0.880
12.5 X 38
820
556821M063ER2
0.30
1.130
12.5 X 44.5
1000
556102M063FH2
0.24
1.340
16 X 38
1200
556122M063FR2
0.20
1.560
16 X 44.5
1500
556152M063LV2
0.15
1.850
18 40
80 Vdc (100 Vdc Surge)
5.6
5565R6M080BA2
28.40
0.043
6.3 x 13
10
556100M080BB2
15.80
0.070
6.3 x 17.5
15
556150M080CB2
10.60
0.097
8 x 17.5
22
556220M080CC2
7.23
0.126
8 x 20.5
12 Vdc (15 Vdc Surge) (cont’d)
2200
556222M012MF2
0.22
1.140
11 x 32
2700
556272M012MH2
0.15
1.380
11 x 38
3300
556332M012EH2
0.13
1.600
12.5 x 38
3900
556392M012ER2
0.12
1.780
12.5 x 44.5
6800
556682M012FR2
0.09
2.330
16 x 44.5
8200
556822M012LV2
0.08
2.550
18 x 40
16 Vdc (20 Vdc Surge)
68
556680M016BA2
4.70
0.107
6.3 x 13
120
556121M016BB2
2.60
0.162
6.3 x 17.5
180
556181M016CB2
1.90
0.230
8 x 17.5
330
556331M016CC2
1.12
0.320
8 x 20.5
560
556561M016DC2
0.68
0.420
9.5 x 20.5
680
556681M016DD2
0.60
0.540
9.5 x 24
1000
556102M016DF2
0.38
0.740
9.5 x 32
1500
556152M016DH2
0.36
0.950
9.5 x 38
1800
556182M016MF2
0.24
1.070
11 x 32
2700
556272M016EH2
0.15
1.540
12.5 x 38
2700
556272M016MH2
0.16
1.380
11 x 38
3300
556332M016ER2
0.14
1.710
12.5 x 44.5
5600
556562M016FR2
0.08
2.320
16 x 44.5
6800
556682M016LV2
0.08
2.570
18 x 40
20 Vdc (25 Vdc Surge)
68
556680M020BA2
4.80
0.105
6.3 x 13
120
556121M020BB2
2.60
0.161
6.3 x 17.5
150
556151M020CB2
2.10
0.218
8 x 17.5
270
556271M020CC2
1.22
0.305
8 x 20.5
470
556471M020DC2
0.7
0.405
9.5 x 20.5
680
556681M020DD2
0.50
0.500
9.5 x 24
820
556821M020DF2
0.35
0.700
9.5 x 32
1200
556122M020DH2
0.25
0.900
9.5 x 38
1500
556152M020MF2
0.22
0.990
11 x 32
2200
556222M020EH2
0.18
1.370
12.5 x 38
2200
556222M020ER2
0.18
1.460
12.5 x 44.5
4700
556472M020FR2
0.09
2.320
16 x 44.5
5600
556562M020LV2
0.07
2.400
18 x 40
25 Vdc (35 Vdc Surge)
77
556470M025BA2
6.00
0.093
6.3 x 13
82
556820M025BB2
3.50
0.140
6.3 x 17.5
100
556101M025CB2
3.00
0.180
8 x 17.5
180
556181M025CC2
2.00
0.260
8 x 20.5
270
556271MO25DC2
1.10
0.360
9.5 x 20.5
390
556391M025DD2
0.80
0.450
9.5 x 24
560
556561M025DF2
0.54
0.615
9.5 x 32
820
556821M025DH2
0.38
0.825
9.5 x 38
1000
556102M025MF2
0.33
1.060
11 x 32
1200
556122M025MH2
0.27
1.090
11 x 38
1500
556152M025EH2
0.22
1.230
12.5 x 38
1800
556182M025ER2
0.19
1.440
12.5 x 44.5
3300
556332M025FR2
0.15
1.990
16 x 44.5
3900
556392M025LV2
0.13
2.220
18 x 40
35 Vdc (45 Vdc Surge)
33
556330M035BA2
8.18
0.080
6.3 x 13
56
556560M035BB2
4.90
0.117
6.3 x 17.5
68
556680M035CB2
3.93
0.160
8 x 17.5
120
556121M035CC2
2.26
0.225
8 x 20.5
220
556221M035DC2
1.25
0.325
9.5 x 20.5
270
556271M035DD2
1.00
0.400
9.5 x 24
470
556471M035DF2
0.58
0.590
9.5 x 32
560
556561M035DH2
0.48
0.705
9.5 x 3
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω @ 85 °C
Size (mm)
F
Number
120 Hz
120 Hz
D x L
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω @ 85 °C
Size (mm)
F
Number
120 Hz
120 Hz
D x L
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 556 105 °C, Computer Grade, Axial Leaded, Aluminum



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com