Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN331M035ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SN331M035ST
Description  85 쨘C Non-Polar Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SN331M035ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SN331M035ST Datasheet HTML 1Page - Cornell Dubilier Electronics SN331M035ST Datasheet HTML 2Page - Cornell Dubilier Electronics SN331M035ST Datasheet HTML 3Page - Cornell Dubilier Electronics SN331M035ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SN 85 ºC Non-Polar Aluminum Electorlytic Capacitors
Ratings
SN
100
M
100
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SN
1R0 = 1
M = ±20
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
010 = 10 E = Different Characteristic
2 = Lead form
101 = 100
100 = 100 R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
25 WVNP (32 VNP Surge)
1.0
SN010M025ST
199.04
17
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SN2R2M025ST
90.47
25
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SN4R7M025ST
42.35
34
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SN100M025ST
19.90
50
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
22
SN220M025ST
9.05
86
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
33
SN330M025ST
6.03
105
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
47
SN470M025ST
4.23
140
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
100
SN101M025ST
1.99
240
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
220
SN221M025ST
0.90
390
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
330
SN331M025ST
0.60
580
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
470
SN471M025ST
0.42
690
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
35 WVNP (44 VNP Surge)
3.3
SN3R3M035ST
56.30
27
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SN4R7M035ST
39.53
34
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SN100M035ST
18.58
54
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
22
SN220M035ST
8.44
94
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
33
SN330M035ST
5.63
125
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
47
SN470M035ST
3.95
165
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
100
SN101M035ST
1.86
285
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
220
SN221M035ST
0.84
520
.630 (16.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
330
SN331M035ST
0.56
630
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
470
SN471M035ST
0.40
820
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
50 WVNP (63 VNP Surge)
0.47
SNR47M050ST
338.80
11
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
1.0
SN010M050ST
159.24
17
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SN2R2M050ST
72.38
25
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SN3R3M050ST
48.25
31
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
4.7
SN4R7M050ST
33.88
41
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
10
SN100M050ST
15.92
70
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
22
SN220M050ST
7.24
115
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
33
SN330M050ST
4.83
150
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
47
SN470M050ST
3.39
190
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
100
SN101M050ST
1.59
310
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
220
SN221M050ST
0.72
570
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
330
SN331M050ST
0.48
790
.630 (16.0) 1.42 (36.0)
.295 (7.5)
.0315 (0.8)
63 WVNP (79 VNP Surge)
1.0
SN010M063ST
159.24
17
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SN2R2M063ST
72.38
25
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SN3R3M063ST
48.25
37
.197 (5.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
4.7
SN4R7M063ST
33.88
44
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
10.0
SN100M063ST
15.92
74
.315 (8.0) .453 (11.5)
.138 (3.5)
.0197 (0.5)
22
SN220M063ST
7.24
130
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
33
SN330M063ST
4.83
175
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
47
SN470M063ST
3.39
230
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
100
SN101M063ST
1.59
410
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
220
SN221M063ST
0.72
660
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com