Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT122K Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # HT122K
Description  Ceramic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

HT122K Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  HT122K Datasheet HTML 1Page - Cornell Dubilier Electronics HT122K Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 •
www.cde.com
EIA Class 2 Temperature/ Frequency Stable
Ceramic Capacitors
Specifications
Highlights
Capacitance Range:
Voltage Range:
Tolerance:
Operating Temperature Range:
Lead Lenght:
Insulation Resistance:
Power Factor @ 1000 Hz:
Breakdown Voltage:
100 pF to 10,000 pF
500 and 1,000 VDC
10%
-30 ºC to +85 ºC
1 inch minimum
10,000 megohms (min)
1.5% Max
2.5 x rated(5 seconds Max)
Provides exceptional stability where minimum
variation in capacitance is required
Conformally Coated
Radial Leads
•
•
•
Ratings
Size (inches)
Size (Millimeters)
Size (inches)
Size (Millimeters)
Part
Number
Capacity
pF
Tol
Temp
Coef D
T
S
d
D
T
S
d
Part
Number
Capacity
pF
Tol
Temp
Coef D
T
S
d
D
T
S
d
500 WVDC
1000 WVDC
SM151K
150
10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 SP101K
100
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM221K
220
10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 SP151K
150
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM391K
390
10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 SP181K
180
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM471K
470
10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 SP221K
220
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM561K
560
10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 SP271K
270
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM681K
680
10% Y5E .236 .157 .252 .025 6.0 4.0 6.4 0.65 SP331K
330
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM102K 1,000
10% Y5E .339 .157 .252 .025 8.6 4.0 6.4 0.65 SP391K
390
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM222K 2,200
10% Y5E .433 .157 .252 .025 11.0 4.0 6.4 0.65 SP471K
470
10% Y5E .238 .236 .252 .025 6.0 6.0 6.4 0.65
SM472K 4,700
10% Y5E .571 .157 .374 .025 14.5 4.0 9.5 0.65 SP561K
560
10% Y5E .291 .236 .252 .025 7.4 6.0 6.4 0.65
SM682K 6,800
10% Y5E .748 .157 .374 .025 19.0 4.0 9.5 0.65 SP681K
680
10% Y5E .291 .236 .252 .025 7.4 6.0 6.4 0.65
SM103K 10,000 10% Y5E .748 .157 .374 .025 19.0 4.0 9.5 0.65 SP102K 1,000
10% Y5E .374 .236 .252 .025 9.5 6.0 6.4 0.65
SP152K 1,500
10% Y5E .433 .236 .252 .025 11.0 6.0 6.4 0.65
SP182K 1,800
10% Y5E .433 .236 .252 .025 11.0 6.0 6.4 0.65
SP222K 2,200
10% Y5E .492 .236 .252 .025 12.5 6.0 6.4 0.65
SP272K 2,700
10% Y5E .590 .236 .374 .025 15.0 6.0 9.5 0.65
SP392K 3,900
10% Y5E .641 .236 .374 .025 16.3 6.0 9.5 0.65
SP472K 4,700
10% Y5E .641 .236 .374 .025 16.3 6.0 9.5 0.65


Similar Part No. - HT122K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HT12 TSC-HT12 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT12 TSC-HT12 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT12 TSC-HT12 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT12 TSC-HT12 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
Honeywell Solid State E...
HT1204 HONEYWELL-HT1204 Datasheet
328Kb / 5P
High Temperature Quad Analog Switch
More results

Similar Description - HT122K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C4532X7R1E106MT TDK-C4532X7R1E106MT Datasheet
169Kb / 4P
Ceramic Capacitors
logo
Sharma Electro Componen...
SNPO471J050T2 SHARMA-SNPO471J050T2 Datasheet
1,014Kb / 12P
Ceramic Capacitors
logo
Kemet Corporation
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
CERAMIC CHIP CAPACITORS
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
Multilayer ceramic capacitors Chip capacitors
logo
RFE international
HMZ-433A RFE-HMZ-433A Datasheet
585Kb / 2P
CERAMIC CAPACITORS
logo
Murata Manufacturing Co...
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
Vishay Siliconix
1C10Z5U103M050B VISHAY-1C10Z5U103M050B Datasheet
64Kb / 5P
Ceramic Capacitors
25-Sep-00
logo
Murata Manufacturing Co...
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
RDER71H104K0K1H03B MURATA-RDER71H104K0K1H03B Datasheet
628Kb / 4P
Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com