Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SKA331M050 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SKA331M050
Description  Axial Leaded Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SKA331M050 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SKA331M050 Datasheet HTML 1Page - Cornell Dubilier Electronics SKA331M050 Datasheet HTML 2Page - Cornell Dubilier Electronics SKA331M050 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SKA Axial Leaded Aluminum Electrolytic Capacitors
Ratings
Max ESR Max Ripple
Size
Catalog
120 Hz
120 Hz Max LC Diameter Length Lead
Cap
Part Number
25 ºC
85 ºC
5 Min.
D
L
Wire
(µF)
(Ω)
(mA)
(µA)
(mm)
(mm) (d)
100 WVdc ( 125 Vdc Surge )
0.47
SKAR47M100 250.80
5
3.0
5
12.5
0.6
1.0
SKA010M100 117.90
12
3.0
5
12.5
0.6
2.2
SKA2R2M100
53.59
21
3.0
6
12.5
0.6
3.3
SKA3R3M100
35.73
30
3.3
6
12.5
0.6
4.7
SKA4R7M100
25.08
39
4.7
6
12.5
0.6
10
SKA100M100
11.79
68
10.0
6
16.0
0.6
22
SKA220M100
5.36
111
22.0
8
16.0
0.6
33
SKA330M100
3.57
136
33.0
8
20.0
0.6
47
SKA470M100
2.51
189
47.0
10
21.0
0.6
68
SKA680M100
1.98
1260
68.0
10
21.0
0.6
100
SKA101M100
1.18
350
100.0
10
26.0
0.6
220
SKA221M100
0.54
550
220.0
13
32.0
0.6
330
SKA331M100
0.36
700
330.0
16
30.0
0.8
470
SKA471M100
0.25
1031
470.0
25
43.0
0.8
1,000
SKA102M100
0.12
1447
1000.0
22
40.0
0.8
160 WVdc ( 200 Vdc Surge )
1.0
SKA010M160 266.00
13
101.6
6
16
0.6
2.2
SKA2R2M160 121.00
22
103.5
6
16
0.6
3.3
SKA3R3M160
80.40
31
105.3
8
16
0.6
4.7
SKA4R7M160
56.50
40
107.5
8
16
0.6
10
SKA100M160
26.60
63
116.0
8
20
0.6
22
SKA220M160
12.10
108
135.2
10
20
0.6
33
SKA330M160
8.04
144
152.8
10
25
0.6
47
SKA470M160
5.65
180
175.2
13
30
0.6
100
SKA101M160
2.66
270
260.0
13
22
0.6
150
SKA151M160
1.21
400
340.0
16
33
0.8
200 WVdc ( 250 Vdc Surge )
1.0
SKA010M200
332.0
17
102.5
6
16
0.6
2.2
SKA2R2M200
151.0
30
105.5
8
16
0.6
3.3
SKA3R3M200
101.0
40
108.3
8
16
0.6
4.7
SKA4R7M200
70.6
50
111.7
8
16
0.6
10
SKA100M200
33.2
80
125.0
8
20
0.6
15
SKA150M200
25.6
105
137.5
10
17
0.6
22
SKA220M200
15.1
140
155.0
10
20
0.6
33
SKA330M200
10.1
175
182.5
10
25
0.6
47
SKA470M200
7.06
215
217.5
13
22
0.6
68
SKA680M200
5.58
265
270.0
13
32
0.6
100
SKA101M200
3.32
340
350.0
16
33
0.8
150
SKA151M200
1.34
403
475.0
16
33
0.8
Max ESR Max Ripple
Size
Catalog
120 Hz
120 Hz
Max LC Diameter Length Lead
Cap
Part Number
25 ºC
85 ºC
5 Min.
D
L
Wire
(µF)
(Ω)
(mA)
(µA)
(mm)
(mm)
(d)
250 WVdc ( 300 Vdc Surge )
1.0
SKA010M250
332.0
13
102.5
6
16
0.6
2.2
SKA2R2M250
151.0
23
105.5
8
16
0.6
3.3
SKA3R3M250
101.0
31
108.3
8
16
0.6
4.7
SKA4R7M250
70.6
37
111.7
8
20
0.6
10
SKA100M250
33.2
67
125.0
10
17
0.6
22
SKA220M250
15.1
118
155.0
10
25
0.6
33
SKA330M250
10.1
161
182.5
13
21
0.6
47
SKA470M250
7.06
211
217.5
13
32
0.6
100
SKA101M250
3.32
419
350.0
16
33
0.8
150
SKA151M250
1.34
764
475.0
18
42
0.8
350 WVdc ( 400 Vdc Surge )
0.47
SKAR47M350
881.84
25
101.6
8
16.5
0.6
1.0
SKA010M350
332.00
16
104.0
8
16.0
0.6
2.2
SKA2R2M350
151.00
25
108.0
8
16.0
0.6
3.3
SKA3R3M350
101.00
31
112.0
8
20.0
0.6
4.7
SKA4R7M350
70.60
60
117.0
10
21.0
0.6
10
SKA100M350
33.20
75
135.0
10
21.0
0.6
22
SKA220M350
15.10
177
177.0
13
21.0
0.6
33
SKA330M350
10.10
200
216.0
13
32.0
0.6
47
SKA470M350
7.06
240
365.0
16
33.0
0.6
100
SKA101M350
3.32
350
450.0
18
42.0
0.8
150
SKA151M350
1.34
823
625.0
20
42.0
0.8
400 WVdc ( 450 Vdc Surge )
2.2
SKA2R2M400
151
55
108.8
8
20
0.6
3.3
SKA3R3M400
101
70
113.2
10
21
0.6
4.7
SKA4R7M400
70.6
90
118.8
10
26
0.6
10
SKA100M400
33.2
150
140.0
10
26
0.6
22
SKA220M400
15.1
230
188.0
13
25
0.6
33
SKA330M400
10.1
300
232.0
16
28
0.6
47
SKA470M400
7.06
318
288.0
16
33
0.8
100
SKA101M400
3.32
555
500.0
20
42
0.8
450 WVdc ( 500 Vdc Surge )
1.0
SKA010M450
332
17
104.5
8
16
0.6
2.2
SKA2R2M450
151
30
109.9
8
20
0.6
3.3
SKA3R3M450
101
39
114.9
10
21
0.6
4.7
SKA4R7M450
70.6
51
121.2
10
26
0.6
10
SKA100M450
33.2
89
145.0
13
22
0.6
15
SKA150M450
25.6
183
167.5
13
27
0.6
22
SKA220M450
15.1
175
199.0
13
30
0.6
33
SKA330M450
10.1
241
248.5
16
30
0.8
47
SKA470M450
7.06
318
311.5
18
42
0.6
68
SKA680M450
5.58
412
406.0
18
40
0.8
100
SKA101M450
3.32
555
550.0
22
43
0.8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com