Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH331M010ST Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SH331M010ST
Description  105 ?CRadial Leaded Aluminum Electorlytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH331M010ST Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SH331M010ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH331M010ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH331M010ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH331M010ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH331M010ST Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electorlytic Capacitors
Ratings
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
35 Vdc (44 Volts Surge)
10
SH100M035ST
18.58
40
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SH220M035ST
8.44
65
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
33
SH330M035ST
5.63
85
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SH470M035ST
3.95
115
.236 (6.0)
.433 (11.0)
.138 (3.5)
.0197 (0.5)
100
SH101M035ST
1.86
190
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
220
SH221M035ST
0.84
315
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
330
SH331M035ST
0.56
440
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
470
SH471M035ST
0.40
580
.512 (13.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
1000
SH102M035ST
0.19
995
.512 (13.0) .984 (25.0)
.197 (5.0)
.0315 (0.8)
2200
SH222M035ST
0.10
1450
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
3300
SH332M035ST
0.07
1660
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
50 Vdc (63 Volts Surge)
0.47
SHR47M050ST
338.80
7.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
1.0
SH010M050ST
159.24
12.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SH2R2M050ST
72.38
18.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SH3R3M050ST
48.25
25.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SH4R7M050ST
33.88
30.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SH100M050ST
15.92
50.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SH220M050ST
7.24
75.0
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SH330M050ST
4.83
105.0
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
47
SH470M050ST
3.39
125.0
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0197 (0.5)
100
SH101M050ST
1.59
210.0
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
220
SH221M050ST
0.72
400.0
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
330
SH331M050ST
0.48
535.0
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
470
SH471M050ST
0.34
730.0
.512 (13.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
1000
SH102M050ST
0.16
1110.0
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
2200
SH222M050ST
0.08
1530.0
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
63 Vdc (79 Volts Surge)
4.7
SH4R7M063ST
28.23
34
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
10
SH100M063ST
13.27
55
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SH220M063ST
6.03
90
.236 (6.0)
.433 (11.0)
.138 (3.5)
.0197 (0.5)
33
SH330M063ST
4.02
110
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0197 (0.5)
47
SH470M063ST
2.82
155
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
100
SH101M063ST
1.33
260
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
220
SH221M063ST
0.60
460
.394 (10.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
330
SH331M063ST
0.40
650
.512 (13.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
470
SH471M063ST
0.28
800
.512 (13.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
1000
SH102M063ST
0.13
1200
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
100 Vdc (300 Volts Surge)
0.47
SHR47M100ST
282.33
10
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
1.0
SH010M100ST
132.70
15
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SH2R2M100ST
60.32
22
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
3.3
SH3R3M100ST
40.21
29
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
4.7
SH4R7M100ST
28.23
37
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
10.0
SH100M100ST
13.27
65
.236 (6.0)
.433 (11.0)
.138 (3.5)
.0197 (0.5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com