Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLSVR2200 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GLSVR2200
Description  SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLSVR2200 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GLSVR2200 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLSVR2200 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
6
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
APPLICATIONS
• RF circuits
• Mobile radio
• Satellite TV
• Cordless phones
FEATURES
• Compact design
• Suitable for automatic insertion
• For reflow and vapor phase soldering
• Ceramic base
• Terminals are formed from the ends of the coil
windings, eliminating solder joints between the
coil and the terminals which could open from the
heat of circuit assembly.
SPECIFICATIONS
Operating Temperature Range: –40°C to +125°C
Soldering Heat Resistance: 230°C, 5 s
WIDEBAND TRANSFORMERS - 4.5 x 4.5 x 2.8 mm
3 dB
Loss at 20 MHz
Impedance
Turns
Band Limits
(dB)
Model
(
Ω)
Ratio
(MHz)
max
Number
50 : 50
1 : 1
4 - 2000
0.5
GLSW4M202
TRANSFORMER WITH 2 WINDINGS
0.12
3.0
0.18
4.5
0.18
4.5
15
24
3
1
10
100
1000
10000
-10
-7
-6
-3
-2
-1
0
-4
-5
-8
-9
FREQUENCY (MHz)
dB
TYPICAL INSERTION LOSS
5
4
1
2
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
0.22
5.5
0.08
2.0
PAD LAYOUT
0.04
1.0
0.12
3.0
TYP
TYP
CONFIGURATION FOR BALUN TRANSFORMER (PAGE 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com