Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S2051-24SC Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT89S2051-24SC
Description  8-bit Microcontroller with 2K/4K Bytes Flash
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S2051-24SC Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT89S2051-24SC Datasheet HTML 25Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 26Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 27Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 28Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 29Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 30Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 31Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 32Page - ATMEL Corporation AT89S2051-24SC Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
29
3390C–MICRO–7/05
AT89S2051/S4051
31. Write Lock Bits/User Fuses
Function:
1.
Program Lock Bits 1 and 2.
2.
Program user fuses.
Usage:
1) Apply “1111” TestCode to P3.7, P3.5, P3.4, P3.3.
3.
Drive Port P1 with fuse data, bits [7:4] for fuses and bits [1:0] for lock bits.
4.
Pulse P3.2 low for 1 µs.
5.
Wait 4 ms, monitor P3.1, or poll data.
Figure 31-1. Write Lock Bits/User Fuses
32. Read Lock Bits/User Fuses
Function:
1.
Read status of Lock Bits 1 and 2.
2.
Read status of user fuses.
Usage:
1.
Apply “0011” TestCode to P3.7, P3.5, P3.4, P3.3.
2.
Read fuse data from Port P1, bits [7:4] for fuses and bits [1:0] for lock bits.
Figure 32-1. Read Lock Bits/User Fuses
DATA
1111
P3.2
XTAL1
P3.3 - P3.7
P1.0 - P1.7
RDY/BSY
High Z
High Z
DOUT
0011
P3.2
XTAL1
P3.3. - P3.7
P1.0 - P1.7
RDY/BSY
High Z
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com