Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLSV5R600 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GLSV5R600
Description  SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLSV5R600 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GLSV5R600 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLSV5R600 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLSV5R600 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLSV5R600 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLSV5R600 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLSV5R600 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLSV5R600 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLSV5R600 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLSV5R600 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
SURFACE MOUNT INDUCTORS AND TRANSFORMERS
SG-890A
10
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
APPLICATIONS
• RF circuits
• Mobile Radio
• Satellite TV
FEATURES
• Compact design
• Suitable for automatic insertion
• For reflow and vapor phase soldering
• Ceramic base
• Terminals are formed from the ends of the coil
windings, eliminating solder joints between the
coil and the terminals which could open from
the heat of circuit assembly.
SPECIFICATIONS
Operating Temperature Range: –40°C to +125°C
Soldering Heat Resistance: 230°C, 5 s
SMD DIRECTIONAL COUPLER
6.5 x 5.7 x 4.0 mm — GLSY SERIES
3 dB
Loss at 20 MHz
Coupling
Band Limits
(dB)
Model
(db)
(MHz)
max
Number
10
0.5 - 900
1.2
GLSY10D901
20
0.5 - 1500
0.4
GLSY20D152
2
4
1
5
3
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
0.22
5.5
0.08
2.0
PAD LAYOUT
0.04
1.0
0.12
3.0
TYP
TYP
0.059
1.5
0.12
3.0
0.18
4.5
0.18
4.5
15
24
3
APPLICATIONS
• RF circuits
• Mobile Radio
• Satellite TV
FEATURES
• Compact design
• Suitable for automatic insertion
• For reflow and vapor phase soldering
• Ceramic base
• Terminals are formed from the ends of the coil
windings, eliminating solder joints between the
coil and the terminals which could open from
the heat of circuit assembly.
SPECIFICATIONS
Operating Temperature Range: –40°C to +125°C
Soldering Heat Resistance: 230°C, 5 s
SMD DIRECTIONAL COUPLER
4.5 x 4.5 x 2.8 mm — GLSL SERIES
3 dB
Loss at 20 MHz
Coupling
Band Limits
(dB)
Model
(db)
(MHz)
max
Number
20
0.6 - 1700
0.2
GLSL20D102
2
4
1
5
3
0.31
8.0
0.098
2.5
PAD LAYOUT
0.047
1.2
0.16
4.0
TYP
TYP
0.08
2.0
0.16
± 0.004
4.0
± 0.1
0.22
± 0.006
5.7
± 0.15
0.26
±0.006
6.5
± 0.15
15
24
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com