Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32FD3702-F Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 32FD3702-F
Description  AC Motor Run Capacitors Oval and Round, Oil Filled, 70 ?C, Metallized Polypropylene Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

32FD3702-F Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  32FD3702-F Datasheet HTML 1Page - Cornell Dubilier Electronics 32FD3702-F Datasheet HTML 2Page - Cornell Dubilier Electronics 32FD3702-F Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type MPF AC Motor Run Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Ratings
Oval
Round
Base
Catalog
Base
Catalog
Cap
Volts
Style
Height
Part Number
Cap
Volts
Style
Height
Part Number
(µF)
(Vac)
(In.)
(µF)
(Vac)
(In.)
370 Vac
330 Vac
1.0
370
32
2.13
32FD3701-F
3.0
330
23
2.63
23FD3303-F
2.0
370
32
2.13
32FD3702-F
4.0
330
23
2.63
23FD3304-F
3.0
370
32
2.13
32FD3703-F
5.0
330
23
2.63
23FD3305-F
4.0
370
32
2.13
32FD3704-F
6.0
330
23
2.63
23FD3306-F
5.0
370
32
2.38
32FD3705-F
7.0
330
23
2.63
23FD3307-F
6.0
370
32
2.38
32FD3706-F
8.0
330
23
2.63
23FD3308-F
7.5
370
32
2.38
32FD37075-F
10.0
330
23
2.63
23FD3310-F
10.0
370
32
2.63
32FD3710-F
370 Vac
12.5
370
32
3.00
32FD37125-F
3.0
370
21
2.63
21FD3703-F
12.5
370
37
2.63
37FD37125-F
4.0
370
21
2.63
21FD3704-F
15.0
370
37
2.63
37FD3715-F
5.0
370
21
2.63
21FD3705-F
17.5
370
37
2.63
37FD37175-F
6.0
370
21
2.63
21FD3706-F
20.0
370
37
2.63
37FD3720-F
7.0
370
21
2.63
21FD3707-F
22.5
370
37
2.63
37FD37225-F
8.0
370
21
2.63
21FD3708-F
25.0
370
37
2.63
37FD3725-F
10.0
370
21
2.63
21FD3710-F
27.5
370
38
3.00
38FD37275-F
12.5
370
21
2.63
21FD37125-F
30.0
370
37
3.00
37FD3730-F
15.0
370
21
2.63
21FD3715-F
30.0
370
38
3.00
38FD3730-F
17.5
370
21
2.63
21FD37175-F
35.0
370
37
3.75
37FD3735-F
20
370
21
2.63
21FD3720-F
35.0
370
38
3.00
38FD3735-F
25
370
21
3.00
21FD3725-F
40.0
370
37
3.75
37FD3740-F
25
370
23
3.00
23FD3725-F
40.0
370
38
3.00
38FD3740-F
30
370
21
3.00
21FD3730-F
45.0
370
37
3.75
37FD3745-F
30
370
23
3.00
23FD3730-F
45.0
370
38
3.00
38FD3745-F
35
370
21
3.75
21FD3735-F
50.0
370
38
3.00
38FD3750-F
35
370
23
3.00
23FD3735-F
70.0
370
38
3.75
38FD3770-F
40
370
21
3.75
21FD3740-F
440 Vac
40
370
23
3.00
23FD3740-F
1.0
440
32
2.13
32FB4401-F
45
370
23
3.75
23FD3745-F
2.0
440
32
2.13
32FB4402-F
45
370
24
3.00
24FD3745-F
3.0
440
32
2.38
32FB4403-F
50
370
23
3.75
23FD3750-F
4.0
440
32
2.38
32FB4404-F
50
370
24
3.00
24FD3750-F
5.0
440
32
2.63
32FB4405-F
55
370
23
3.75
23FD3755-F
6.0
440
32
2.63
32FB4406-F
55
370
24
3.00
24FD3755-F
7.5
440
32
2.63
32FB44075-F
60
370
23
3.75
23FD3760-F
7.5
440
37
2.63
37FB44075-F
60
370
24
3.00
24FD3760-F
10.0
440
32
3.75
32FB4410-F
65
370
24
3.75
24FD3765-F
10.0
440
37
2.63
37FB4410-F
70
370
24
3.75
24FD3770-F
12.5
440
37
2.63
37FB44125-F
80
370
24
4.75
24FD3780-F
15.0
440
37
2.63
37FB4415-F
440 Vac
17.5
440
37
2.63
37FB44175-F
15
440
21
2.63
21FB4415-F
20.0
440
37
3.00
37FB4420-F
20
440
21
3.00
21FB4420-F
20.0
440
38
3.00
38FB4420-F
20
440
23
3.00
23FB4420-F
25.0
440
37
3.75
37FB4425-F
22.5
440
21
3.00
21FB44225-F
25.0
440
38
3.75
38FB4425-F
22.5
440
23
3.00
23FB44225-F
30.0
440
38
3.75
38FB4430-F
25
440
21
3.75
21FB4425-F
35.0
440
37
4.75
37FB4435-F
25
440
23
3.00
23FB4425-F
35.0
440
38
3.75
38FB4435-F
30
440
23
3.75
23FB4430-F
40.0
440
37
4.75
37FB4440-F
30
440
24
3.00
24FB4430-F
40.0
440
38
3.75
38FB4440-F
35
440
23
3.75
23FB4435-F
45.0
440
38
3.75
38FB4445-F
35
440
24
3.00
24FB4435-F
50.0
440
38
3.75
38FB4450-F
40
440
23
3.75
23FB4440-F
55.0
440
38
4.75
38FB4455-F
40
440
24
3.75
24FB4440-F
60.0
440
38
4.75
38FB4460-F
45
440
24
3.75
24FB4445-F
50
440
24
3.75
24FB4450-F
55
440
24
3.75
24FB4455-F
60
440
24
4.75
24FB4460-F
70
440
24
4.75
24FB4470-F



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com