Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP243M020EB0A Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # MLP243M020EB0A
Description  85 ?C Flatpack, Ultra-Long Life, Aluminum
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLP243M020EB0A Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  MLP243M020EB0A Datasheet HTML 1Page - Cornell Dubilier Electronics MLP243M020EB0A Datasheet HTML 2Page - Cornell Dubilier Electronics MLP243M020EB0A Datasheet HTML 3Page - Cornell Dubilier Electronics MLP243M020EB0A Datasheet HTML 4Page - Cornell Dubilier Electronics MLP243M020EB0A Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type MLP 85 ºC Flatpack, Ultra-Long Life, Aluminum
Ratings
ESR max
25 ºC (mΩ)
Ripple (A)
Case @ 85 °C
ESR max
25 ºC (mΩ)
Ripple (A)
Case @ 85 °C
Cap.
(µF)
Catalog
Part Number
Length
(Inches)
Cap.
(µF)
Catalog
Part Number
Length
(Inches)
120 Hz 20 kHz 120 Hz 20 kHz
120 Hz 20 kHz 120 Hz 20 kHz
7.5 Vdc (10 Vdc Surge)
100 Vdc (125 Vdc Surge)
19,000 MLP193M7R5EK0A
76
66
4.2
4.5
1.5
1100
MLP112M100EK0A 112
78
3.5
4.2
1.5
28,000 MLP283M7R5EA0A
50
44
5.8
6.2
2.0
1600 MLP162M100EA0A
76
54
4.7
5.6
2.0
47,000 MLP473M7R5EB0A
30
26
9.1
9.8
3.0
2700 MLP272M100EB0A
46
33
7.4
8.7
3.0
10 Vdc (13 Vdc Surge)
150 Vdc (180 Vdc Surge)
17000 MLP173M010EK0A
77
67
4.2
4.5
1.5
500
MLP501M150EK0A 355
248
1.9
2.3
1.5
26000 MLP263M010EA0A
51
45
5.8
6.1
2.0
770
MLP771M150EA0A 238
166
2.7
3.2
2.0
43000 MLP433M010EB0A
30
27
9.0
9.6
3.0
1300 MLP132M150EB0A 143
100
4.2
5.0
3.0
16 Vdc (20 Vdc Surge)
200 Vdc (250 Vdc Surge)
13000 MLP133M016EK0A
81
69
4.1
4.4
1.5
400
MLP401M200EK0A 388
253
1.9
2.3
1.5
21000 MLP213M016EA0A
53
46
5.7
6.1
2.0
600
MLP601M200EA0A 261
168
2.6
3.2
2.0
38000 MLP383M016EB0A
31
27
9.0
9.6
3.0
1000 MLP102M200EB0A 158
100
3.8
5.0
3.0
20 Vdc (25 Vdc Surge)
250 Vdc (300 Vdc Surge)
9600 MLP962M020EK0A
84
69
4.0
4.4
1.5
330
MLP331M250EK0A 426
258
1.8
2.3
1.5
14000 MLP143M020EA0A
56
46
5.5
6.1
2.0
490
MLP491M250EA0A 285
172
2.4
3.1
2.0
24000 MLP243M020EB0A
33
27
8.7
9.6
3.0
820
MLP821M250EB0A 172
103
3.8
4.9
3.0
25 Vdc (30 Vdc Surge)
300 Vdc (350 Vdc Surge)
8000 MLP802M025EK0A
87
69
3.9
4.4
1.5
220
MLP221M300EK0A 597
393
1.5
1.9
1.5
12000 MLP123M025EA0A
57
46
5.5
6.1
2.0
330
MLP331M300EA0A 399
262
2.1
2.5
2.0
20000 MLP203M025EB0A
34
27
8.6
9.6
3.0
560
MLP561M300EB0A 240
157
3.2
4.0
3.0
35 Vdc (50 Vdc Surge)
350 Vdc (400 Vdc Surge)
5600 MLP562M035EK0A
90
70
3.4
4.4
1.5
150
MLP151M350EK0A 1000
734
1.2
1.4
1.5
8400 MLP842M035EA0A
59
46
5.4
6.1
2.0
220
MLP221M350EA0A 683
503
1.6
1.8
2.0
14000 MLP143M035EB0A
35
27
8.4
9.6
3.0
370
MLP371M350EB0A 420
310
2.3
2.8
3.0
50 Vdc (63 Vdc Surge)
400 Vdc (450 Vdc Surge)
4400 MLP442M050EK0A
97
70
3.7
4.4
1.5
130
MLP131M400EK0A 1320
970
1.0
1.2
1.5
6600 MLP662M050EA0A
62
46
5.2
6.1
2.0
200
MLP201M400EA0A 882
648
1.4
1.6
2.0
11000 MLP113M050EB0A
36
27
8.3
9.6
3.0
330
MLP331M400EB0A 530
390
2.1
2.5
3.0
63 Vdc (75 Vdc Surge)
420 Vdc (475 Vdc Surge)
2200 MLP222M063EK0A 101
76
3.7
4.2
1.5
130
MLP131M420EK0A 1320
970
1.0
1.2
1.5
3300 MLP332M063EA0A
64
50
5.2
5.8
2.0
200
MLP201M420EA0A 882
648
1.4
1.6
2.0
5600 MLP562M063EB0A
36
29
8.3
9.3
3.0
330
MLP331M420EB0A 530
390
2.1
2.5
3.0
80 Vdc (100 Vdc Surge)
450 Vdc (500 Vdc Surge)
1500 MLP152M080EK0A 106
77
3.6
4.2
1.5
110
MLP111M450EK0A 1456
1190
0.96
1.1
1.5
2100 MLP212M080EA0A
72
52
4.9
5.7
2.0
170
MLP171M450EA0A 973
797
1.3
1.5
2.0
3300 MLP332M080EB0A
44
31
7.5
9.0
3.0
280
MLP281M450EB0A 585
480
2.0
2.3
3.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com