Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLS331M200EK0C Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # MLS331M200EK0C
Description  125 ?C Stainless Flatpack,Ultra-Long Life, Aluminum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLS331M200EK0C Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  MLS331M200EK0C Datasheet HTML 1Page - Cornell Dubilier Electronics MLS331M200EK0C Datasheet HTML 2Page - Cornell Dubilier Electronics MLS331M200EK0C Datasheet HTML 3Page - Cornell Dubilier Electronics MLS331M200EK0C Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type MLS 125 ºC Stainless Flatpack,Ultra-Long Life, Aluminum
Type MLS 125 ºC Stainless Flatpack,Ultra-Long Life, Aluminum
Specifications
Ripple Current Capability is set by the maximum
permissible internal core temperature, 125 ºC.
Air Cooled. The ripple currents in the ratings tables
are for 85 ºC case temperatures. For air temperatures
without a heatsink use the Ambient Temperature, No
Heatsink multipliers.
Heatsink Cooled. Temperature rise from the internal
hottest spot, the core, to ambient air is:
ΔT = I2(ESR)(Өcc + Өca)
where
Өcc is the thermal resistance from core to case
and
Өca from case to ambient. To calculate maximum
ripple capability with the MLP attached to a heatsink
use the maximum core temperature and the values for
Өcc.
As an illustration, suppose you operate an
MLS332M060EB1C in 65 ºC air and attach it to a com-
mercial heatsink with a free-air thermal resistance of
2.7 ºC/W. Use a good thermal grease between the MLS
and the heatsink, and the total thermal resistance is 2.7
+ 1.8 or 4.5 ºC/W. The power which would heat the
core to 125 ºC is (125-65)/4.5 or 13.3 W. For an ESR
of 31 m
Ω, 13.3 W equates to a ripple current of 20.7A,
however, the wire leads are rated for only 20 A.
Outline Drawings
MLS
821
M
200
EB
O
A
Type
Capacitance Tolerance
Rated
Voltage
Case Code
Insulation
Mounting Style
MLS
821=820 µF
102 = 1000 µF
M=±20%
Vdc
EK, L=1.5 in.
EA, L=2.0 in.
EB, L=3.0 in.
0 = bare can
1 = polyester
A = mounting tabs
C = two leads/no tabs
D = hook leads/tabs
Part Numbering System
Case
Length
Weight
Code
L (in)
(g)
EK
1.5
43
EA
2.0
76
EB
3.0
92
Style A: Mounting Tabs
Style C: Two Leads, No Tabs
Style D: Hook Leads
Note: The mounting tabs are at case potential and the negative lead connects to the case through the electrolyte.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com