Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

330100T100JS9E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 330100T100JS9E
Description  -55 ?C to 105 ?C Ultra-Long-Life, Switching Power Grade Radial High Ripple and Ultra-Long Life
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

330100T100JS9E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  330100T100JS9E Datasheet HTML 1Page - List of Unclassifed Manufacturers 330100T100JS9E Datasheet HTML 2Page - List of Unclassifed Manufacturers 330100T100JS9E Datasheet HTML 3Page - List of Unclassifed Manufacturers 330100T100JS9E Datasheet HTML 4Page - List of Unclassifed Manufacturers 330100T100JS9E Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Type 330 –55 °C to 105 °C Ultra-Long-Life, Switching Power Grade Radial
Type 330 –55 °C to 105 °C Ultra-Long-Life, Switching Power Grade Radial
Type 330 –55 °C to 105 °C Ultra-Long-Life, Switching Power Grade Radial
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com
Typical Performance Curve
Ratings
ESR Max.
25 ºC
120 Hz
20 kHz
Ripple Amps,
Max. 85 ºC
120 Hz
20 kHz
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog
Part Number
(mΩ)
(mΩ)
(A)
(A)
6.3 Vdc (9 Vdc Surge)
15000 330153U6R3GT2
26.6
15.1
7.10
8.86
0.77 X 3.65
15000 330R153U6R3GT2
23.0
13.1
7.62
9.52
0.77 X 3.65
15000 330153U6R3HP2
27.1
16.5
6.57
7.93
0.895 X 2.65
15000 330R153U6R3HP2
19.5
11.3
7.75
9.60
0.895 X 2.65
18000 330183U6R3JL2
29.6
20.1
6.08
6.95
1.02 X 2.15
18000 330R183U6R3JL2
19.1
10.9
7.57
9.45
1.02 X 2.15
22000 330223U6R3HS2
22.4
13.7
7.88
9.51
0.895 X 3.15
22000 330R223U6R3HS2
15.9
9.2
9.35
11.60
0.895 X 3.15
22000 330223U6R3JP2
23.0
15.6
7.66
8.75
1.02 X 2.65
22000 330R223U6R3JP2
14.7
8.4
9.59
12.00
1.02 X 2.65
27000 330273U6R3HT2
19.4
11.9
9.04
10.90
0.895 X 3.65
27000 330R273U6R3HT2
13.6
7.9
10.80
13.40
0.895 X 3.65
27000 330273U6R3JS2
19.2
13.0
9.11
10.40
1.02 X 3.15
27000 330R273U6R3JS2
15.1
8.6
10.30
12.80
1.02 X 3.15
33000 330333U6R3JT2
16.7
11.4
10.50
12.00
1.02 X 3.65
33000 330R333U6R3JT2
10.4
5.9
13.30
16.60
1.02 X 3.65
7.5 Vdc (10 Vdc Surge)
12000 330123U7R5GT2
27.2
15.0
7.01
8.91
0.77 X 3.65
12000 330R123U7R5GT2
23.6
13.0
7.53
9.57
0.77 X 3.65
15000 330153U7R5HP2
27.7
16.6
6.50
7.91
0.895 X 2.65
15000 330R153U7R5HP2
20.0
11.0
7.65
9.73
0.895 X 2.65
15000 330153U7R5JL2
30.1
19.9
6.02
6.99
1.02 X 2.15
15000 330R153U7R5JL2
19.6
10.9
7.47
9.41
1.02 X 2.15
18000 330183U7R5HS2
22.9
13.8
7.79
9.48
0.895 X 3.15
18000 330R183U7R5HS2
16.3
9.0
9.23
11.74
0.895 X 3.15
22000 330223U7R5HT2
19.8
11.9
8.95
10.89
0.895 X 3.65
22000 330R223U7R5HT2
13.9
7.7
10.70
13.60
0.895 X 3.65
22000 330223U7R5JP2
23.4
15.5
7.59
8.80
1.02 X 2.65
22000 330R223U7R5JP2
15.0
8.4
9.47
11.90
1.02 X 2.65
27000 330273U7R5JS2
19.5
12.9
9.03
10.50
1.02 X 3.15
27000 330R273U7R5JS2
15.5
8.7
10.10
12.80
1.02 X 3.15
ESR Max.
25 ºC
120 Hz
20 kHz
Ripple Amps,
Max. 85 ºC
120 Hz
20 kHz
Nominal
Size
D X L
(in)
Cap.
(µF)
Catalog
Part Number
(mΩ)
(mΩ)
(A)
(A)
7.5 Vdc (10 Vdc Surge) (cont'd.)
33000 330333U7R5JT2
17.0
11.2
10.40
12.10
1.02 X 3.65
33000 330R333U7R5JT2
10.6
5.9
13.10
16.60
1.02 X 3.65
10 Vdc (15 Vdc Surge)
12000 330123U010GT2
28.3
15.0
6.88
8.91
0.77 X 3.65
12000 330R123U010GT2
24.5
13.0
7.39
9.57
0.77 X 3.65
12000 330123U010HP2
28.7
16.6
6.39
7.91
0.895 X 2.65
12000 330R123U010HP2
20.8
11.5
7.49
9.53
0.895 X 2.65
12000 330123U010JL2
31.0
19.9
5.93
6.99
1.02 X 2.15
12000 330R123U010JL2
20.3
11.4
7.33
9.23
1.02 X 2.15
15000 330153U010HS2
23.7
13.7
7.66
9.49
0.895 X 3.15
15000 330R153U010HS2
17.0
9.3
9.05
11.50
0.895 X 3.15
18000 330183U010HT2
20.5
11.9
8.81
10.90
0.895 X 3.65
18000 330R183U010HT2
14.5
8.0
10.50
13.30
0.895 X 3.65
18000 330183U010JP2
24.1
15.4
7.48
8.81
1.02 X 2.65
18000 330R183U010JP2
15.6
8.7
9.29
11.70
1.02 X 2.65
22000 330223U010JS2
20.1
12.8
8.90
10.50
1.02 X 3.15
22000 330R223U010JS2
16.1
9.0
9.94
12.50
1.02 X 3.15
27000 330273U010JT2
17.5
11.2
10.30
12.10
1.02 X 3.65
27000 330R273U010JT2
11.0
6.2
12.90
16.30
1.02 X 3.65
16 Vdc (25 Vdc Surge)
10000 330103U016GT2
29.2
14.9
6.77
8.94
0.77 X 3.65
10000 330R103U016GT2
25.3
12.9
7.27
9.60
0.77 X 3.65
10000 330103U016HP2
29.5
17.1
6.30
7.79
0.895 X 2.65
10000 330R103U016HP2
21.6
11.9
7.36
9.36
0.895 X 2.65
10000 330103U016JL2
31.8
19.7
5.86
7.01
1.02 X 2.15
10000 330R103U016JL2
21.0
11.1
7.21
9.33
1.02 X 2.15
12000 330123U016HS2
24.4
14.1
7.55
9.35
0.895 X 3.15
12000 330R123U016HS2
17.6
9.7
8.89
11.30
0.895 X 3.15
15000 330153U016HT2
21.1
12.2
8.69
10.80
0.895 X 3.65
15000 330R153U016HT2
15.0
8.2
10.30
13.10
0.895 X 3.65
15000 330153U016JP2
24.7
15.3
7.39
8.85
1.02 X 2.65
RoHS Compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com