Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP331M400EB0A Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # MLP331M400EB0A
Description  85 ?C Flatpack, Ultra-Long Life, Aluminum
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLP331M400EB0A Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  MLP331M400EB0A Datasheet HTML 1Page - Cornell Dubilier Electronics MLP331M400EB0A Datasheet HTML 2Page - Cornell Dubilier Electronics MLP331M400EB0A Datasheet HTML 3Page - Cornell Dubilier Electronics MLP331M400EB0A Datasheet HTML 4Page - Cornell Dubilier Electronics MLP331M400EB0A Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type MLP 85 ºC Flatpack, Ultra-Long Life, Aluminum
Double the Ripple Current: Attach the MLP to an
external heatsink and you can easily double the ripple
current capability and assure long life through cooler
operation. The broad, flat top and bottom on the MLP
are ideal for cooling the capacitor and removing the
heat caused by ripple current.
Ripple Current Capability is set by the maximum
permissible internal core temperature, 88 ºC. This
assures that the case does not inflate beyond 0.5 inch
height.
Air Cooled. The ripple currents in the ratings tables
are for 85 ºC case temperatures. For air temperatures
without a heatsink use the multipliers Ambient Tem-
perature, No Heatsink.
Heatsink Cooled. Temperature rise from the internal
hottest spot, the core, to ambient air is:
∆T = I2(ESR)(Өcc + Өca)
where
Өcc is the thermal resistance from core to case
and
Өca from case to ambient. To calculate maximum
ripple capability with the MLP attached to a heatsink
use the maximum core temperature and the values for
Өcc.
As an illustration, suppose you operate an insulated
MLP332M080EK1C in 65 ºC air and attach it to a com-
mercial heatsink with a free-air thermal resistance of 2.7
ºC/W. Use a good thermal grease between the MLP and
the heatsink, and the total thermal resistance is 2.7 +1.7
or 4.4 ºC/W. The power which would heat the core to 88
ºC is (88-65)/4.4 or 4.75 W. For an ESR of 31 m
Ω, 4.7
W equates to a ripple current of 12.3A.
Load Life:
2,000 h @ +85 °C, ∆ Capacitance ±10%,
ESR 200% of limit, DCL 100% of limit, height 0.5 in. max
Shelf Life:
500 h at 85 °C, capacitance, ESR and DCL, initial requirements.
Height 0.5 in max. Typical warehouse storage life is more then 25 years.
Thermal Resistance:
Vibration:
10 Hz to 2 kHz, 0.06” pp max and 10 g, MIL-STD-202, Meth. 204
ESL:
<30 nH measured 1/4” from case at 1 MHz
Weight:
Case EK 30 g typical
Case EA 42 g typical
Case EB 66 g typical
Terminals:
8 AWG copper wire with 60/40 tin-lead electroplate
Large Sides
Heatsinked
Case Length
1.5"
2.0"
3.0"
Insulation
ºC/W
ºC/W
ºC/W
one
None
3.0
1.8
1.2
Polyester
4.3
2.6
1.7
both
None
2.8
1.7
1.1
Polyester
4.0
2.4
1.6
MLP
102
M
200
EB
O
A
Type
Capacitance Tolerance
Rated
Voltage
Case Code
Insulation
Mounting Style
MLP
821=820 µF
102 = 1000 µF
M=±20%
Vdc
EK, L=1.5 in.
EA, L=2.0 in
EB, L=3.0 in.
0 = bare can
1 = polyester
A = mounting tabs
B = four leads
C = two leads/no tabs
D = hook leads/tabs
E = hook leads/no tabs
Part Numbering System



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com