Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMP6P1K-F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # MMP6P1K-F
Description  Polyester Film Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MMP6P1K-F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  MMP6P1K-F Datasheet HTML 1Page - Cornell Dubilier Electronics MMP6P1K-F Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier
•1605 E. Rodney French Blvd.•New Bedford, MA 02740•Phone: (508)996-8561•Fax: (508)996-3830 www.cde.com
Type MMP Polyester Film Capacitors
Metallized Oval, Axial Leads
Specifications
Low Profile Circuit Cards
Type MMP axial-leaded, metallized polyester
capacitors are ideal when height is at a premium.
Non-inductive winding and self-healing capabilities
provide stability and long life.
Voltage Range: 100 to 630 Vdc (65 to 250 Vac, 60 Hz)
Capacitance Range: .01 to 10 µF
Capacitance Tolerance: ±10% (K) standard
±5% (J) optional
Operating Temperature Range: –55 °C to 125 °C*
*Full-rated voltage at 85 °C–Derate linearly to 50%-rated voltage at 125 °C
Dielectric Strength: 175% (1 minute)
Dissipation Factor: 1% Max. (25 °C, 1 kHz)
Insulation Resistance: 5,000 M
Ω x µF
10,000 M
Ω Min.
Life Test: 1,000 Hours at 85 °C at 125% Rated
Voltage
Ratings and Dimensions
Cap.
Catalog
T
W
L
d
dV/dt
(µF)
Number
Inches
(mm)
Inches
(mm)
Inches
(mm)
Inches
(mm)
V/μs
100 Vdc (65 Vac)
0.15
MMP1P15K-F
0.197
(5.0)
0.354
(9.0)
0.670
(17.0)
0.024
(0.6)
20
0.22
MMP1P22K-F
0.236
(6.0)
0.394
(10.0)
0.670
(17.0)
0.024
(0.6)
20
0.33
MMP1P33K-F
0.236
(6.0)
0.433
(11.0)
0.670
(17.0)
0.024
(0.6)
20
0.47
MMP1P47K-F
0.236
(6.0)
0.394
(10.0)
0.906
(23.0)
0.024
(0.6)
12
0.68
MMP1P68K-F
0.256
(6.5)
0.433
(11.0)
0.906
(23.0)
0.024
(0.6)
12
1.00
MMP1W1K-F
0.276
(7.0)
0.492
(12.5)
0.906
(23.0)
0.032
(0.8)
12
1.50
MMP1W1P5K-F
0.276
(7.0)
0.492
(12.5)
1.063
(27.0)
0.032
(0.8)
8
2.20
MMP1W2P2K-F
0.354
(9.0)
0.630
(16.0)
1.063
(27.0)
0.032
(0.8)
8
3.30
MMP1W3P3K-F
0.433
(11.0)
0.729
(18.5)
1.063
(27.0)
0.032
(0.8)
8
4.70
MMP1W4P7K-F
0.354
(9.0)
0.729
(18.5)
1.378
(35.0)
0.032
(0.8)
6
6.80
MMP1W6P8K-F
0.512
(13.0)
0.906
(23.0)
1.378
(35.0)
0.032
(0.8)
6
10.00
MMP1W10K-F
0.630
(16.0)
1.044
(26.5)
1.378
(35.0)
0.032
(0.8)
6
250 Vdc (160 Vac)
0.10
MMP2P1K-F
0.217
(5.5)
0.335
(8.5)
0.670
(17.0)
0.024
(0.6)
28
0.15
MMP2P15K-F
0.217
(5.5)
0.374
(9.5)
0.670
(17.0)
0.024
(0.6)
28
0.22
MMP2P22K-F
0.197
(5.0)
0.354
(9.0)
0.906
(23.0)
0.024
(0.6)
17
0.33
MMP2P33K-F
0.217
(5.5)
0.414
(10.5)
0.906
(23.0)
0.024
(0.6)
17
0.47
MMP2P47K-F
0.276
(7.0)
0.433
(11.0)
0.985
(25.0)
0.032
(0.8)
12
RoHS Compliant


Similar Part No. - MMP6P1K-F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MMP6P1K-F CDE-MMP6P1K-F Datasheet
92Kb / 3P
Metallized Oval, Axial Leads
More results

Similar Description - MMP6P1K-F

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D Datasheet
71Kb / 3P
POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
Polyester Film Capacitors
DMMAAS47K-F ETC2-DMMAAS47K-F Datasheet
184Kb / 2P
Polyester Film Capacitors
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMWA05P1K-F CDE-MMWA05P1K-F Datasheet
520Kb / 2P
Polyester Film Capacitors
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
Polyester Film Capacitors
PEN MERITEK-PEN Datasheet
106Kb / 1P
Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com