Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP331M200E3P3 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # LP331M200E3P3
Description  105 ?C Snap-In Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

LP331M200E3P3 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  LP331M200E3P3 Datasheet HTML 1Page - Cornell Dubilier Electronics LP331M200E3P3 Datasheet HTML 2Page - Cornell Dubilier Electronics LP331M200E3P3 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type LP 105 ºC Snap-In Aluminum Electrolytic Capacitors
Type LP radial snap-in aluminum electrolytic capacitors
are small in size and are rated for low voltage applica-
tions. Their durable construction guarantees a long life
while operating up to 105 ºC with a stable ESR. These
features make the Type LP ideal for use in switch-mode
power supplies.
Stable ESR, Long Life, Snap-In
High Reliability
105 ºC
22 to 35 mm diameter with 10 mm lead spacing
Highlights
Specifications
Capacitance Range:
Voltage Range:
Capacitance tolerance:
Operating Temperature Range:
Dissipation Factor:
DC Leakage Test:
Voltage/Frequency Ripple Multipliers:
Temperature Ripple Multipliers:
100 to 47,000 µF
16 to 250 Vdc
±20%
–40 ºC to +105 ºC
I = .02CV
C = capacitance in µF
V = rated voltage
I = leakage current in µA
For values that are >1000 µF, the DF (%) increases
2% for every additional 1000 µF
DF at 120 Hz, +25 ºC
Vdc
16
25 - 35
50 - 63
100- 250
DF %
30
25
20
15
Rated
Ripple Multipliers
Vdc
60 Hz 100 Hz 300 Hz 1000 Hz 10 kHz 100 kHz
10 to 50 0.90 1.00
1.03
1.05
1.10
1.10
63 to 100 0.85 1.00
1.07
1.13
1.19
1.20
160 to 250 0.80 1.00
1.15
1.25
1.35
1.40
Temperature
Ripple Multiplier
+85 ºC
1.65
+65 ºC
2.25
+45 ºC
2.55
The maximum ripple current at 105 ºC and 120 Hz are
the Ratings Table. Adjust to other temperature and fre-
quencies using the tables here.
Load Life Test:
Shelf Life:
Vibration:
1,000 h @ full load at +105 ºC per EIA IS-749
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
500 h @ 105 ºC, capacitance, ≤200% ESR and
DC ±20%, initial requirements
10 to 55 Hz, 0.06” and 10 g max, 2 h in each
plane
Complies with the EU Directive
2002/95/EC requirement restricting
the use of Lead (Pb), Mercury (Hg),
Cadmium (Cd), Hexavalent chromium
(Cr(VI)), PolyBrominated Biphenyls
(PBB) and PolyBrominated Diphenyl
Ethers (PBDE).


Similar Part No. - LP331M200E3P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
LP331M200E3P3 CDE-LP331M200E3P3 Datasheet
355Kb / 4P
Stable ESR, Long Life, Snap-In
More results

Similar Description - LP331M200E3P3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
Aluminum Capacitors 105 째C, Snap-in
16-Jul-04
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
105 쨘C Aluminum Electrolytic Snap-In Capacitors
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
85 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
Aluminum Capacitors 105 °C, Snap-In
25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
Aluminum Capacitors 105 °C, Snap-In
26-Aug-08
EYH VISHAY-EYH Datasheet
116Kb / 9P
Aluminum Capacitors Standard - 105 °C Snap-in
14-Feb-08
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
Aluminum Capacitors Standard - 105 °C Snap-In
24-May-13
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
LSM RFE-LSM Datasheet
830Kb / 7P
Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com