Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS225J035P1A Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # TAS225J035P1A
Description  Hermetically Sealed Axial Lead Solid Tantalum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAS225J035P1A Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  TAS225J035P1A Datasheet HTML 1Page - Cornell Dubilier Electronics TAS225J035P1A Datasheet HTML 2Page - Cornell Dubilier Electronics TAS225J035P1A Datasheet HTML 3Page - Cornell Dubilier Electronics TAS225J035P1A Datasheet HTML 4Page - Cornell Dubilier Electronics TAS225J035P1A Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Type TAS Solid Tantalum Capacitors
Max
DF Max
DCL
@ +25 ºC
Cap
Case
@ +25 ºC
120 Hz
Catalog
(µF)
Code
(µA)
(%)
Part Number
75 WVdc @ 85 ºC
50 WVdc @ 125 ºC
0.012
A
0.3
2
TAS123K075P1A
0.015
A
0.3
2
TAS153K075P1A
0.018
A
0.3
2
TAS183K075P1A
0.022
A
0.3
2
TAS223K075P1A
0.027
A
0.3
2
TAS273K075P1A
0.033
A
0.3
2
TAS333K075P1A
0.039
A
0.3
2
TAS393K075P1A
0.047
A
0.3
2
TAS473K075P1A
0.056
A
0.3
2
TAS563K075P1A
0.068
A
0.3
2
TAS683K075P1A
0.082
A
0.3
2
TAS823K075P1A
0.10
A
0.3
2
TAS104K075P1A
0.12
A
0.3
2
TAS124K075P1A
0.15
A
0.3
2
TAS154K075P1A
0.18
A
0.3
2
TAS184K075P1A
0.22
A
0.3
2
TAS224K075P1A
0.27
A
0.3
2
TAS274K075P1A
0.33
A
0.3
2
TAS334K075P1A
0.39
A
0.3
2
TAS394K075P1A
0.47
A
0.3
2
TAS474K075P1A
0.56
A
0.3
2
TAS564K075P1A
0.68
A
0.3
2
TAS684K075P1A
0.82
C
0.3
2
TAS824K075P1C
1.0
C
0.3
2
TAS105K075P1C
1.2
C
0.3
4
TAS125K075P1C
1.5
C
0.6
4
TAS155K075P1C
1.8
C
0.7
4
TAS185K075P1C
2.2
C
0.8
4
TAS225K075P1C
2.7
C
1.0
4
TAS275K075P1C
3.3
C
1.2
4
TAS335K075P1C
3.9
C
1.5
4
TAS395K075P1C
4.7
F
3.0
4
TAS475K075P1F
5.6
F
3.0
4
TAS565K075P1F
6.8
F
5.0
4
TAS685K075P1F
8.2
F
5.0
4
TAS825K075P1F
10.0
F
5.0
4
TAS106K075P1F
12.0
G
5.0
4
TAS126K075P1G
15.0
G
7.0
4
TAS156K075P1G
Max
DF Max
DCL
@ +25 ºC
Cap
Case
@ +25 ºC
120 Hz
Catalog
(µF)
Code
(µA)
(%)
Part Number
100 WVdc @ 85 ºC
67 WVdc @ 125 ºC
0.0047
A
0.3
2
TAS472K100P1A
0.0056
A
0.3
2
TAS562K100P1A
0.0068
A
0.3
2
TAS682K100P1A
0.0082
A
0.3
2
TAS822K100P1A
0.010
A
0.3
2
TAS103K100P1A
0.012
A
0.3
2
TAS123K100P1A
0.015
A
0.3
2
TAS153K100P1A
0.018
A
0.3
2
TAS183K100P1A
0.022
A
0.3
2
TAS223K100P1A
0.027
A
0.3
2
TAS273K100P1A
0.033
A
0.3
2
TAS333K100P1A
0.039
A
0.3
2
TAS393K100P1A
0.047
A
0.3
2
TAS473K100P1A
0.056
A
0.3
2
TAS563K100P1A
0.068
A
0.3
2
TAS683K100P1A
0.082
A
0.3
2
TAS823K100P1A
0.10
A
0.3
2
TAS104K100P1A
0.12
A
0.3
2
TAS124K100P1A
0.15
A
0.3
2
TAS154K100P1A
0.18
A
0.3
2
TAS184K100P1A
0.22
A
0.3
2
TAS224K100P1A
0.27
A
0.3
2
TAS274K100P1A
0.33
A
0.3
2
TAS334K100P1A
0.39
A
0.3
2
TAS394K100P1A
0.47
A
0.3
2
TAS474K100P1A
0.56
A
0.3
2
TAS564K100P1A
0.68
C
0.3
2
TAS684K100P1C
0.82
C
0.4
2
TAS824K100P1C
1.0
C
0.5
2
TAS105K100P1C
1.2
C
0.5
3
TAS125K100P1C
1.5
C
0.7
3
TAS155K100P1C
1.8
C
0.7
3
TAS185K100P1C
2.2
C
0.9
3
TAS225K100P1C
2.7
C
1.1
3
TAS275K100P1C
3.3
F
1.5
3
TAS335K100P1F
3.9
F
1.5
3
TAS395K100P1F
4.7
F
2.5
3
TAS475K100P1F
5.6
F
2.5
3
TAS565K100P1F
6.8
F
2.5
3
TAS685K100P1F
8.2
G
5.0
3
TAS825K100P1G
10.0
G
5.0
3
TAS106K100P1G
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com