Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS472K035P1A Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # TAS472K035P1A
Description  Hermetically Sealed Axial Lead Solid Tantalum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

TAS472K035P1A Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  TAS472K035P1A Datasheet HTML 1Page - Cornell Dubilier Electronics TAS472K035P1A Datasheet HTML 2Page - Cornell Dubilier Electronics TAS472K035P1A Datasheet HTML 3Page - Cornell Dubilier Electronics TAS472K035P1A Datasheet HTML 4Page - Cornell Dubilier Electronics TAS472K035P1A Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Type TAS Solid Tantalum Capacitors
Max
DF Max
DCL
@ +25 ºC
Cap
Case
@ +25 ºC
120 Hz
Catalog
(µF)
Code
(µA)
(%)
Part Number
35 WVdc @ 85 ºC
23 WVdc @ 125 ºC
0.033
A
0.1
3
TAS333K035P1A
0.039
A
0.1
3
TAS393K035P1A
0.047
A
0.1
3
TAS473K035P1A
0.056
A
0.1
3
TAS563K035P1A
0.068
A
0.1
3
TAS683K035P1A
0.082
A
0.1
3
TAS823K035P1A
0.10
A
0.5
3
TAS104K035P1A
0.12
A
0.5
3
TAS124K035P1A
0.15
A
0.5
3
TAS154K035P1A
0.18
A
0.5
3
TAS184K035P1A
0.22
A
0.5
3
TAS224K035P1A
0.27
A
0.5
3
TAS274K035P1A
0.39
A
0.5
3
TAS394K035P1A
0.47
A
0.5
3
TAS474K035P1A
0.56
A
0.5
3
TAS564K035P1A
0.68
A
0.5
3
TAS684K035P1A
0.82
A
0.5
3
TAS824K035P1A
1.0
A
0.5
3
TAS105K035P1A
1.2
C
0.5
4
TAS125K035P1C
1.5
C
0.5
4
TAS155K035P1C
1.8
C
0.5
4
TAS185K035P1C
2.2
C
1.0
4
TAS225K035P1C
2.7
C
1.0
4
TAS275K035P1C
3.3
C
1.0
4
TAS335K035P1C
3.9
C
1.0
4
TAS395K035P1C
4.7
C
1.0
4
TAS475K035P1C
5.6
C
1.0
4
TAS565K035P1C
6.8
C
1.5
4
TAS685K035P1C
8.2
F
3.0
4
TAS825K035P1F
10
F
3.0
4
TAS106K035P1F
12
F
3.0
4
TAS126K035P1F
15
F
3.0
4
TAS156K035P1F
18
F
3.0
4
TAS186K035P1F
22
F
4.0
4
TAS226K035P1F
27
G
4.5
4
TAS276K035P1G
33
G
5.5
4
TAS336K035P1G
39
G
6.0
4
TAS396K035P1G
47
G
8.0
4
TAS476K035P1G
50 WVdc @ 85 ºC
33 WVdc @ 125 ºC
0.0047
A
0.1
2
TAS472K050P1A
0.0056
A
0.1
2
TAS562K050P1A
0.0068
A
0.1
2
TAS682K050P1A
0.0082
A
0.1
2
TAS822K050P1A
0.01
A
0.1
2
TAS103K050P1A
Max
DF Max
DCL
@ +25 ºC
Cap
Case
@ +25 ºC
120 Hz
Catalog
(µF)
Code
(µA)
(%)
Part Number
50 WVdc @ 85 ºC
33 WVdc @ 125 ºC
0.012
A
0.1
2
TAS123K050P1A
0.015
A
0.1
2
TAS153K050P1A
0.018
A
0.1
2
TAS183K050P1A
0.022
A
0.1
2
TAS223K050P1A
0.027
A
0.1
2
TAS273K050P1A
0.033
A
0.1
2
TAS333K050P1A
0.039
A
0.1
2
TAS393K050P1A
0.047
A
0.1
2
TAS473K050P1A
0.056
A
0.1
2
TAS563K050P1A
0.068
A
0.1
2
TAS683K050P1A
0.082
A
0.1
2
TAS823K050P1A
0.10
A
0.3
2
TAS104K050P1A
0.12
A
0.3
2
TAS124K050P1A
0.15
A
0.3
2
TAS154K050P1A
0.18
A
0.3
2
TAS184K050P1A
0.22
A
0.3
2
TAS224K050P1A
0.27
A
0.3
2
TAS274K050P1A
0.39
A
0.3
2
TAS394K050P1A
0.47
A
0.3
2
TAS474K050P1A
0.56
A
0.3
2
TAS564K050P1A
0.68
A
0.3
2
TAS684K050P1A
0.82
A
0.3
2
TAS824K050P1A
1.0
A
0.4
2
TAS105K050P1A
1.2
C
0.4
4
TAS125K050P1C
1.5
C
0.5
4
TAS155K050P1C
1.8
C
0.5
4
TAS185K050P1C
2.2
C
0.8
4
TAS225K050P1C
2.7
C
0.8
4
TAS275K050P1C
3.3
C
1.2
4
TAS335K050P1C
3.9
C
1.5
4
TAS395K050P1C
4.7
C
1.7
4
TAS475K050P1C
5.6
F
2.2
4
TAS565K050P1F
6.8
F
2.2
4
TAS685K050P1F
8.2
F
2.5
4
TAS825K050P1F
10
F
2.5
4
TAS106K050P1F
12
F
3.0
4
TAS126K050P1F
15
F
4.0
4
TAS156K050P1F
18
F
4.5
4
TAS186K050P1F
22
G
5.5
4
TAS226K050P1G
75 WVdc @ 85 ºC
50 WVdc @ 125 ºC
0.0047
A
0.3
2
TAS472K075P1A
0.0056
A
0.3
2
TAS562K075P1A
0.0068
A
0.3
2
TAS682K075P1A
0.0082
A
0.3
2
TAS822K075P1A
0.01
A
0.3
2
TAS103K075P1A
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com