Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP331M200C1P3 Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # SLP331M200C1P3
Description  105 쨘C Aluminum Electrolytic Snap-In Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP331M200C1P3 Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

  SLP331M200C1P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP331M200C1P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP331M200C1P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP331M200C1P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP331M200C1P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP331M200C1P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP331M200C1P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP331M200C1P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLP 105 ºC Aluminum Electrolytic Snap-In Capacitors
Catalog
Max ESR
Max Ripple
Nominal
Cap
Part Number
120 Hz/25°C
120 Hz/105°C
Size (DxL)
μF
3000 h @ 105 ºC
(Ω)
(A
rms)
(mm)
200 Vdc (250 Vdc Surge)
1000
SLP102M200H5P3
0.199
2.30
35 x 35
1200
SLP122M200E4P3
0.166
2.65
30 x 45
1200
SLP122M200H5P3
0.166
2.65
35 x 35
1200
SLP122M200H3P3
0.166
2.49
35 x 30
1500
SLP152M200H7P3
0.133
3.08
35 x 40
1800
SLP182M200H4P3
0.111
3.48
35 x 45
1800
SLP182M200H7P3
0.111
3.31
35 x 40
220 Vdc (270 Vdc Surge)
220
SLP221M220A1P3
0.905
1.00
22 x 25
270
SLP271M220A3P3
0.737
1.15
22 x 30
330
SLP331M220A5P3
0.603
1.25
22 x 35
330
SLP331M220C1P3
0.603
1.25
25 x 25
390
SLP391M220A5P3
0.510
1.40
22 x 35
390
SLP391M220C3P3
0.510
1.40
25 x 30
470
SLP471M220A7P3
0.423
1.51
22 x 40
470
SLP471M220C3P3
0.423
1.44
25 x 30
470
SLP471M220E1P3
0.423
1.50
30 x 25
560
SLP561M220A4P3
0.355
1.70
22 x 45
560
SLP561M220C5P3
0.355
1.64
25 x 35
560
SLP561M220E3P3
0.355
1.70
30 x 30
560
SLP561M220H1P3
0.355
1.71
35 x 25
680
SLP681M220C7P3
0.293
1.84
25 x 40
680
SLP681M220E5P3
0.293
1.93
30 x 35
680
SLP681M220H3P3
0.293
1.89
35 x 30
820
SLP821M220C4P3
0.243
2.08
25 x 45
820
SLP821M220E7P3
0.243
2.19
30 x 40
820
SLP821M220H3P3
0.243
2.16
35 x 30
1000
SLP102M220E4P3
0.199
2.50
30 x 45
1000
SLP102M220H5P3
0.199
2.44
35 x 35
1200
SLP122M220H7P3
0.166
2.79
35 x 40
1500
SLP152M220H4P3
0.133
3.22
35 x 45
250 Vdc (300 Vdc Surge)
180
SLP181M250A1P3
1.106
0.88
22 x 25
180
SLP181M250C1P3
1.106
0.95
25 x 25
220
SLP221M250A3P3
0.905
1.00
22 x 30
220
SLP221M250C1P3
0.905
1.08
25 x 25
270
SLP271M250A5P3
0.737
1.18
22 x 35
270
SLP271M250C3P3
0.737
1.27
25 x 30
330
SLP331M250A7P3
0.603
1.30
22 x 40
330
SLP331M250C3P3
0.603
1.30
25 x 30
330
SLP331M250E1P3
0.603
1.35
30 x 25
330
SLP331M250A3P3
0.603
1.15
22 x 30
390
SLP391M250A4P3
0.510
1.49
22 x 45
390
SLP391M250C5P3
0.510
1.49
25 x 35
390
SLP391M250E3P3
0.510
1.49
30 x 30
470
SLP471M250A9P3
0.423
1.65
22 x 50
470
SLP471M250C7P3
0.423
1.65
25 x 40
470
SLP471M250E3P3
0.423
1.65
30 x 30
560
SLP561M250C4P3
0.355
1.80
25 x 45
560
SLP561M250E5P3
0.355
1.80
30 x 35
680
SLP681M250C9P3
0.293
2.03
25 x 50
680
SLP681M250E7P3
0.293
2.00
30 x 40
680
SLP681M250H3P3
0.293
2.00
35 x 30
820
SLP821M250E4P3
0.243
2.30
30 x 45
820
SLP821M250H5P3
0.243
2.30
35 x 35
1000
SLP102M250E9P3
0.199
2.70
30 x 50
1000
SLP102M250H7P3
0.199
2.69
35 x 40
1200
SLP122M250H4P3
0.166
3.09
35 x 45
1500
SLP152M250H9P3
0.144
3.61
35 x 50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com