Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLP331M200C3P3 Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # SLP331M200C3P3
Description  105 쨘C Aluminum Electrolytic Snap-In Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP331M200C3P3 Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  SLP331M200C3P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP331M200C3P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP331M200C3P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP331M200C3P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP331M200C3P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP331M200C3P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP331M200C3P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP331M200C3P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLP 105 ºC Aluminum Electrolytic Snap-In Capacitors
Catalog
Max ESR
Max Ripple
Nominal
Cap
Part Number
120 Hz/25°C
120 Hz/105°C
Size (DxL)
μF
3000 h @ 105 ºC
(Ω)
(A
rms)
(mm)
160 Vdc (200Vdc Surge)
1500
SLP152M160H5P3
0.133
2.84
35 x 35
1800
SLP182M160E9P3
0.111
3.32
30 x 50
1800
SLP182M160H7P3
0.111
3.00
35 x 40
2200
SLP222M160H4P3
0.090
3.50
35 x 45
180 Vdc (225Vdc Surge)
270
SLP271M180A1P3
0.737
1.00
22 x 25
330
SLP331M180A3P3
0.603
1.20
22 x 30
390
SLP391M180A3P3
0.510
1.35
22 x 30
390
SLP391M180C1P3
0.510
1.35
25 x 25
470
SLP471M180A5P3
0.423
1.50
22 x 35
470
SLP471M180C3P3
0.423
1.50
25 x 30
560
SLP561M180A7P3
0.355
1.67
22 x 40
560
SLP561M180C3P3
0.355
1.67
25 x 30
560
SLP561M180E1P3
0.355
1.67
30 x 25
680
SLP681M180A4P3
0.293
1.78
22 x 45
680
SLP681M180C5P3
0.293
1.78
25 x 35
680
SLP681M180E3P3
0.293
1.78
30 x 30
820
SLP821M180A9P3
0.243
2.04
22 x 50
820
SLP821M180C7P3
0.243
2.04
25 x 40
820
SLP821M180E3P3
0.243
2.04
30 x 30
1000
SLP102M180C4P3
0.199
2.30
25 x 45
1000
SLP102M180E5P3
0.199
2.30
30 x 35
1000
SLP102M180H3P3
0.199
2.30
35 x 30
1200
SLP122M180E7P3
0.166
2.55
30 x 40
1200
SLP122M180H5P3
0.166
2.55
35 x 35
1500
SLP152M180E4P3
0.133
2.90
30 x 45
1500
SLP152M180H7P3
0.133
2.90
35 x 40
1800
SLP182M180H4P3
0.111
3.30
35 x 45
2200
SLP222M180H9P3
0.090
3.65
35 x 50
200 Vdc (250 Vdc Surge)
220
SLP221M200A1P3
0.905
0.99
22 x 25
220
SLP221M200A3P3
0.905
1.07
22 x 30
270
SLP271M200A1P3
0.737
1.10
22 x 25
330
SLP331M200A3P3
0.603
1.25
22 x 30
330
SLP331M200C1P3
0.603
1.25
25 x 25
330
SLP331M200C3P3
0.603
1.35
25 x 30
390
SLP391M200A5P3
0.603
1.35
22 x 35
390
SLP391M200C3P3
0.510
1.35
25 x 30
470
SLP471M200A7P3
0.423
1.50
22 x 40
470
SLP471M200C3P3
0.423
1.50
25 x 30
470
SLP471M200C5P3
0.423
1.60
25 x 35
470
SLP471M200E1P3
0.423
1.50
30 x 25
560
SLP561M200A4P3
0.355
1.67
22 x 45
560
SLP561M200C5P3
0.355
1.70
25 x 35
560
SLP561M200E1P3
0.355
1.67
30 x 25
680
SLP681M200A9P3
0.293
1.78
22 x 50
680
SLP681M200C5P3
0.293
1.72
25 x 35
680
SLP681M200C7P3
0.293
1.82
25 x 40
680
SLP681M200E3P3
0.293
1.78
30 x 30
820
SLP821M200C4P3
0.243
2.10
25 x 45
820
SLP821M200E5P3
0.243
2.04
30 x 35
820
SLP821M200H3P3
0.243
2.04
35 x 30
1000
SLP102M200C9P3
0.199
2.42
25 x 50
1000
SLP102M200E7P3
0.199
2.30
30 x 40
Catalog
Max ESR
Max Ripple
Nominal
Cap
Part Number
120 Hz/25°C
120 Hz/105°C
Size (DxL)
μF
3000 h @ 105 ºC
(Ω)
(A
rms)
(mm)
3900
SLP392M080C9P3
0.085
2.92
25 x 50
3900
SLP392M080E7P3
0.085
2.82
30 x 40
3900
SLP392M080H3P3
0.085
2.97
35 x 30
4700
SLP472M080E4P3
0.071
3.34
30 x 45
4700
SLP472M080H5P3
0.071
3.38
35 x 35
5600
SLP562M080E9P3
0.059
3.80
30 x 50
5600
SLP562M080H7P3
0.059
3.80
35 x 40
6800
SLP682M080H4P3
0.049
3.90
35 x 45
8200
SLP822M080H9P3
0.040
4.20
35 x 50
100 Vdc (125 Vdc Surge)
680
SLP681M100A1P3
0.390
1.09
22 x 25
820
SLP821M100A3P3
0.324
1.40
22 x 30
1000
SLP102M100A3P3
0.265
1.47
22 x 30
1000
SLP102M100C1P3
0.265
1.45
25 x 25
1200
SLP122M100A5P3
0.221
1.69
22 x 35
1200
SLP122M100C3P3
0.221
1.68
25 x 30
1500
SLP152M100A7P3
0.177
1.97
22 x 40
1500
SLP152M100C5P3
0.177
1.98
25 x 35
1500
SLP152M100E1P3
0.177
1.95
30 x 25
1500
SLP152M100E3P3
0.177
2.09
30 x 30
1800
SLP182M100A4P3
0.147
2.23
22 x 45
1800
SLP182M100C7P3
0.147
2.20
25 x 40
1800
SLP182M100E3P3
0.147
2.20
30 x 30
2200
SLP222M100C4P3
0.121
2.53
25 x 45
2200
SLP222M100E5P3
0.121
2.55
30 x 35
2200
SLP222M100H3P3
0.121
2.60
35 x 30
2700
SLP272M100C9P3
0.098
2.82
25 x 50
2700
SLP272M100E7P3
0.098
2.86
30 x 40
2700
SLP272M100H5P3
0.098
2.90
35 x 35
3300
SLP332M100E4P3
0.080
3.30
30 x 45
3300
SLP332M100H5P3
0.080
3.25
35 x 35
3900
SLP392M100E9P3
0.068
3.60
30 x 50
3900
SLP392M100H7P3
0.068
3.67
35 x 40
4700
SLP472M100H4P3
0.056
3.80
35 x 45
5600
SLP562M100H9P3
0.047
4.05
35 x 50
160 Vdc (200Vdc Surge)
330
SLP331M160A1P3
0.603
1.20
22 x 25
390
SLP391M160A3P3
0.510
1.30
22 x 30
470
SLP471M160A3P3
0.423
1.55
22 x 30
470
SLP471M160C1P3
0.423
1.55
25 x 25
560
SLP561M160A5P3
0.355
1.67
22 x 35
560
SLP561M160C3P3
0.355
1.67
25 x 30
680
SLP681M160A7P3
0.293
1.82
22 x 40
680
SLP681M160C5P3
0.293
1.85
25 x 35
680
SLP681M160E1P3
0.293
1.82
30 x 25
820
SLP821M160A4P3
0.243
2.04
22 x 45
820
SLP821M160C7P3
0.243
2.04
25 x 40
820
SLP821M160E3P3
0.243
2.04
30 x 30
1000
SLP102M160C4P3
0.199
2.40
25 x 45
1000
SLP102M160E5P3
0.199
2.25
30 x 35
1200
SLP122M160C9P3
0.166
2.62
25 x 50
1200
SLP122M160E7P3
0.166
2.49
30 x 40
1200
SLP122M160H3P3
0.166
2.49
35 x 30
1500
SLP152M160E4P3
0.133
2.84
30 x 45



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com