Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3308 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AM3308
Description  SMT Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM3308 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM3308 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT Power Inductors
AM3308 SERIES
FEATURES
• Designed for low profile and high performance
• High energy storage and low resistance
• Ideal for DC-DC converter applications, such as
pagers, notebook computers, PDA’s, etc
Ordering Code
AlfaMag Electronics LLC
101 West 10th Street | Suite 7 | PO Box 668 | Rolla, Missouri | 65402
www.alfamag.com | sales@alfamag.com | Ph: (573)364-2422 | Fax: (573)364-5390
Notes:
1) Inductance measured at 100KHz. 0.1V
2) Isat: current at which inductance drops 10%
3) Temp rise at rated current: 40 deg C
4) Operating temp range: -40 to +85 deg C
5) Electrical specifications at 20 deg C
Pad Layout


Similar Part No. - AM3308

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
AM3305-200NI WALL-AM3305-200NI Datasheet
142Kb / 3P
Single Output Surface Mount Package
AM3305-200NI WALL-AM3305-200NI Datasheet
142Kb / 3P
Single Output Surface Mount Package 1 Watt DC/DC Converter
AM3309-111NI WALL-AM3309-111NI Datasheet
142Kb / 3P
Single Output Surface Mount Package
AM3309-111NI WALL-AM3309-111NI Datasheet
142Kb / 3P
Single Output Surface Mount Package 1 Watt DC/DC Converter
More results

Similar Description - AM3308

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
SMT POWER INDUCTORS
logo
Coilcraft lnc.
LPO4815 COILCRAFT-LPO4815_15 Datasheet
446Kb / 2P
SMT Power Inductors
logo
Pulse A Technitrol Comp...
PA2891.XXXHL PULSE-PA2891.XXXHL Datasheet
736Kb / 3P
SMT Power Inductors
PA3288.XXXHL PULSE-PA3288.XXXHL Datasheet
439Kb / 3P
SMT Power Inductors
PA4340.XXXNLT PULSE-PA4340.XXXNLT Datasheet
3Mb / 4P
SMT Power Inductors
PA5002.XXXNLT PULSE-PA5002.XXXNLT Datasheet
1Mb / 5P
SMT Power Inductors
PG1083NL PULSE-PG1083NL Datasheet
455Kb / 2P
SMT Power Inductors
PG0936NL PULSE-PG0936NL Datasheet
384Kb / 2P
SMT Power Inductors
PA5189.XXXHLT PULSE-PA5189.XXXHLT Datasheet
777Kb / 3P
SMT Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com