Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9740C Datasheet(PDF) 1 Page - NIHON DEMPA KOGYO

Part # 9740C
Description  Oven-Controlled Crystal Oscillator (OCXO)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NDK [NIHON DEMPA KOGYO]
Direct Link  http://www.ndk.com/en
Logo NDK - NIHON DEMPA KOGYO

9740C Datasheet(HTML) 1 Page - NIHON DEMPA KOGYO

  9740C Datasheet HTML 1Page - NIHON DEMPA KOGYO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ordering Code
Frequency
(MHz)
5
10
9740C-5M-NSA3276A
9740C-10M-NSA3276B
The above frequencies are NDK’ s standard frequencies.
Frequencies other than the above are available.
Feel free to contact our sales representatives.
co49_080418_9740C_e1
Output frequency (MHz)
Operating temperature range
Power supply voltage
Consumption current
Output level
Load
Aging
Frequency / temperature characteristics
Power supply variation characteristics
Frequency control characteristic
Frequency warm-up characteristic
Case code
*1 It is based on frequency after 48 hours operation.
Item
Model
Classification
−10 to +60°C
DC+12V±10%
4.5Wmax
50Ω
±2×10−8max/−10 to +60°C
±2×10−9max/DC+12V±10%
±5×10−8max (+25°C in 20 minutes after power is on)
40C
9740C
5
1mWmin (0dBm min)
±5×10−10max/day, ±2×10−8max/year *1
±3×10−7min/0.5 to +9.5V
CDE01
10
5mWmin (+7dBm min)
±2×10−9max/day, ±8×10−8max/year *1
±1×10−6min/0.5 to +9.5V
BDE01
Mobile communication base station
Model Name 9740C
n Specifications
Crystal Oscillator
n Main Application
n Features
l Excellent phase noise characteristics. (Compared to NDK’ s existing products,
phase noise characteristics have improved by 10 dB with the offset frequency at 1
kHz or more.)
l Excellent aging characteristics.
n Dimensions
n List of Ordering Codes
Oven-Controlled Crystal Oscillator (OCXO) 9700 Series
mm
40C
40.0±1.0
5-Φ0.8±0.1
#1
#2
#3
#4
#5
STAND OFF
(6POINTS)
30.48±0.25
(20.32)
Tolerance ±1.0mm
1 Hz
10 Hz
100 Hz
1k Hz
10k Hz
Offset frequency
−90 max.
−120 max.
−140 max.
−150 max.
−155 max.
BDE01
−100 max.
−130 max.
−140 max.
−150 max.
−155 max.
CDE01
Phase noise
dBc/Hz
n Reference Value
PIN Connections
#1
#2
#3
#4
#5
VCC
GND
VCONT
GND
OUTPUT


Similar Part No. - 9740C

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
9740C NDK-9740C Datasheet
345Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) 9700 Series
9740C-10M-NSA3276B NDK-9740C-10M-NSA3276B Datasheet
345Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) 9700 Series
9740C-5M-NSA3276A NDK-9740C-5M-NSA3276A Datasheet
345Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) 9700 Series
9740C NDK-9740C_09 Datasheet
345Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) 9700 Series
More results

Similar Description - 9740C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCO-639E ETC-TCO-639E Datasheet
39Kb / 1P
Oven Controlled Crystal Oscillator (OCXO)
9161A ETC1-9161A Datasheet
44Kb / 1P
OVEN CONTROLLED CRYSTAL OSCILLTORS (OCXO)
logo
NIHON DEMPA KOGYO
NH37M28LA NDK-NH37M28LA Datasheet
85Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO)
NH25M22WC NDK-NH25M22WC Datasheet
81Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH25M22WA NDK-NH25M22WA Datasheet
82Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
9740C NDK-9740C_09 Datasheet
345Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) 9700 Series
NH26M26LG NDK-NH26M26LG Datasheet
306Kb / 1P
Oven Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
NH37M28LC NDK-NH37M28LC Datasheet
225Kb / 1P
Oven-Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
logo
Seiko Instruments Inc
OG2525CCN SII-OG2525CCN Datasheet
592Kb / 2P
Oven Controlled Crystal Oscillator (OCXO)
logo
NIHON DEMPA KOGYO
NH25M22WG NDK-NH25M22WG_17 Datasheet
635Kb / 1P
Oven Controlled Crystal Oscillator (OCXO) for Fixed Communication Equipment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com