Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD40NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD40NF3LL
Description  N-CHANNEL 30V - 0.0095 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD40NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STD40NF3LL Datasheet HTML 1Page - STMicroelectronics STD40NF3LL Datasheet HTML 2Page - STMicroelectronics STD40NF3LL Datasheet HTML 3Page - STMicroelectronics STD40NF3LL Datasheet HTML 4Page - STMicroelectronics STD40NF3LL Datasheet HTML 5Page - STMicroelectronics STD40NF3LL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STD40NF3LL
N-CHANNEL 30V - 0.0095
Ω - 40A DPAK
LOW GATE CHARGE STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.0115
Ω @ 4.5V
s
OPTIMAL RDS(on) xQg TRADE-OFF @ 4.5V
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
DESCRIPTION
This application specific Power Mosfet is the third
generation of STMicroelectronics unique ”Single
Feature Size
™” strip-based process. The resul-
ting transistor shows the best trade-off between
on-resistance and gate charge. When used as
high and low side in buck regulators, it gives the
best performance in terms of both conduction and
switching losses. This is extremely important for
motherboards where fast switching and high effi-
ciency are of paramount importance.
APPLICATIONS
s
SPECIFICALLY DESIGNED AND
OPTIMISED FOR HIGH EFFICIENCY CPU
CORE DC/DC CONVERTERS
®
INTERNAL SCHEMATIC DIAGRAM
May 2000
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)30
V
VGS
G ate-source Volt age
± 15
V
ID
Drain Current (continuous) at Tc =25
oC40
A
ID
Drain Current (continuous) at Tc =100
oC28
A
IDM (
•)
Drain Current (pulsed)
160
A
Ptot
T otal Dissipat ion at Tc =25
oC55
W
Derating Factor
0.37
W /
o C
Tstg
Storage Temperature
-65 to 175
o C
Tj
Max. Operating Junction Temperature
175
o C
(
•) Pulse width limited by safe operating area
T YPE
VDSS
RDS(on )
ID
STD40NF3LL
30 V
< 0.0115
Ω
40 A
ADD SUFFIX ”T4” FOR ORDERING IN TAPE & REEL
1
3
DPAK
TO-252
(Suffix ”T4”)
1/6


Similar Part No. - STD40NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40NF3LL STMICROELECTRONICS-STD40NF3LL Datasheet
394Kb / 13P
N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
20-Feb-2007
STD40NF3LLT4 STMICROELECTRONICS-STD40NF3LLT4 Datasheet
394Kb / 13P
N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
20-Feb-2007
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
20-Feb-2007
More results

Similar Description - STD40NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB36NF03L STMICROELECTRONICS-STB36NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 36A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STD29NF03L STMICROELECTRONICS-STD29NF03L Datasheet
47Kb / 6P
N-CHANNEL 30V - 0.018 ohm - 29A DPAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STD40NF02L STMICROELECTRONICS-STD40NF02L Datasheet
47Kb / 6P
N-CHANNEL 20V - 0.01 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
20-Jan-2000
STD40NF03L STMICROELECTRONICS-STD40NF03L Datasheet
47Kb / 6P
N-CHANNEL 30V - 0.012 ohm - 40A DPAK LOW GATE CHARGE STripFET POWER MOSFET
14-Jan-2000
STD6NF10 STMICROELECTRONICS-STD6NF10 Datasheet
266Kb / 9P
N-CHANNEL 100V - 0.22 ohm - 6A IPAK/DPAK LOW GATE CHARGE STripFET™ POWER MOSFET
Jun-2001
STD55NH2LL STMICROELECTRONICS-STD55NH2LL Datasheet
655Kb / 12P
N-CHANNEL 24V - 0.010ohm - 40A DPAK/IPAK ULTRA LOW GATE CHARGE STripFET POWER MOSFET
Mar-2004
STD40NF03L STMICROELECTRONICS-STD40NF03L_07 Datasheet
359Kb / 13P
N-channel 30V - 0.0090ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
February 2007
STD40NF3LL STMICROELECTRONICS-STD40NF3LL_07 Datasheet
394Kb / 13P
N-channel 30V - 0.009ohm - 40A - DPAK Low gate charge STripFET TM II Power MOSFET
20-Feb-2007
STD55NH2LL STMICROELECTRONICS-STD55NH2LL_06 Datasheet
505Kb / 16P
N-channel 24V - 0.010ohm - 40A - DPAK/IPAK Ultra low gate charge STripFET TM Power MOSFET
16-Jul-2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com