Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC12282 Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # PVC12282
Description  Polyester and Polypropylene Film/Foil Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

PVC12282 Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

  PVC12282 Datasheet HTML 1Page - Cornell Dubilier Electronics PVC12282 Datasheet HTML 2Page - Cornell Dubilier Electronics PVC12282 Datasheet HTML 3Page - Cornell Dubilier Electronics PVC12282 Datasheet HTML 4Page - Cornell Dubilier Electronics PVC12282 Datasheet HTML 5Page - Cornell Dubilier Electronics PVC12282 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type PVC Polyester and Polypropylene Film/Foil Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Part Numbering System
Inches
Millimeters
Catalog
Cap
L
Dia
S
L
Dia
S
Part Number
(µF)
Max
Max
Lead Spacing
∅d
Max
Max
Lead Spacing ∅d
1600 Vdc / 475 Vac
PVC1611
0.010
1.25
0.53
0.969
0.032
31.8
13.5
24.6
0.8
PVC16115
0.015
1.25
0.61
1.344
0.032
33.8
15.5
34.1
0.8
PVC1612
0.020
1.65
0.60
1.344
0.032
41.9
15.2
34.1
0.8
PVC16122
0.022
1.65
0.60
1.344
0.032
41.9
15.2
34.1
0.8
PVC16133
0.033
1.65
0.70
1.344
0.032
41.9
17.8
34.1
0.8
PVC16147
0.047
1.65
0.80
1.344
0.032
41.9
20.3
34.1
0.8
PVC1615
0.050
1.65
0.85
1.344
0.032
41.9
21.6
34.1
0.8
2000 Vdc / 500 Vac
PVC2X21
0.0010
1.25
0.33
0.969
0.032
31.8
8.4
24.6
0.8
PVC2X212
0.0012
1.25
0.34
0.969
0.032
31.8
8.6
24.6
0.8
PVC2X215
0.0015
1.25
0.36
0.969
0.032
31.8
9.1
24.6
0.8
PVC2X218
0.0018
1.25
0.38
0.969
0.032
31.8
9.7
24.6
0.8
PVC2X222
0.0022
1.25
0.39
0.969
0.032
31.8
9.9
24.6
0.8
PVC2X227
0.0027
1.25
0.42
0.969
0.032
31.8
10.7
24.6
0.8
PVC2X233
0.0033
1.25
0.44
0.969
0.032
31.8
11.2
24.6
0.8
PVC2X239
0.0039
1.25
0.47
0.969
0.032
31.8
11.9
24.6
0.8
PVC2X247
0.0047
1.25
0.5
0.969
0.032
31.8
12.7
24.6
0.8
PVC2X256
0.0056
1.25
0.53
0.969
0.032
31.8
13.5
24.6
0.8
PVC2X268
0.0068
1.25
0.56
0.969
0.032
31.8
14.2
24.6
0.8
PVC2X282
0.0082
1.25
0.60
0.969
0.032
31.8
15.2
24.6
0.8
PVC2X11
0.0100
1.25
0.65
0.969
0.032
31.8
16.5
24.6
0.8
PVC2X112
0.0120
1.65
0.58
1.344
0.032
41.9
14.7
34.1
0.8
PVC2X115
0.0150
1.65
0.63
1.344
0.032
41.9
16.0
34.1
0.8
PVC2X118
0.018
1.65
0.67
1.344
0.032
41.9
17.0
34.1
0.8
PVC2X122
0.022
1.65
0.73
1.344
0.032
41.9
18.5
34.1
0.8
PVC2X127
0.027
1.65
0.78
1.344
0.032
41.9
19.8
34.1
0.8
PVC2X133
0.033
1.65
0.85
1.344
0.032
41.9
21.6
34.1
0.8
PVC
4
01
Series
Voltage
Capacitance
PVC
1 = 100 V
21 = .001 µF
2 = 200V
11 = .01 µF
4 = 400V
01 = .1 µF
6 = 600V
1 = 1.0 µF
10 = 1000 V
12 = 1200 V
16 = 1600 V
2X = 2000 V
RoHS Compliant



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com