Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC1211 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # PVC1211
Description  Polyester and Polypropylene Film/Foil Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

PVC1211 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  PVC1211 Datasheet HTML 1Page - Cornell Dubilier Electronics PVC1211 Datasheet HTML 2Page - Cornell Dubilier Electronics PVC1211 Datasheet HTML 3Page - Cornell Dubilier Electronics PVC1211 Datasheet HTML 4Page - Cornell Dubilier Electronics PVC1211 Datasheet HTML 5Page - Cornell Dubilier Electronics PVC1211 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type PVC Polyester and Polypropylene Film/Foil Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Inches
Millimeters
Catalog
Cap
L
Dia
S
L
Dia
S
Part Number
(µF)
Max
Max
Lead Spacing
∅d
Max
Max
Lead Spacing ∅d
100 Vdc / 70 Vac
PVC1118
0.018
0.7
0.33
0.500
0.032
17.8
8.4
12.7
0.8
PVC1122
0.022
0.7
0.35
0.500
0.032
17.8
8.9
12.7
0.8
PVC1127
0.027
0.7
0.35
0.500
0.032
17.8
8.9
12.7
0.8
PVC1133
0.033
0.7
0.35
0.500
0.032
17.8
8.9
12.7
0.8
PVC114
0.040
0.7
0.35
0.500
0.032
17.8
8.9
12.7
0.8
PVC1147
0.047
0.7
0.35
0.500
0.032
17.8
8.9
12.7
0.8
PVC1156
0.056
0.7
0.38
0.500
0.032
17.8
9.7
12.7
0.8
PVC1168
0.068
0.7
0.38
0.500
0.032
17.8
9.7
12.7
0.8
PVC1182
0.082
0.9
0.40
0.688
0.032
22.9
10.2
17.5
0.8
PVC101
0.10
0.9
0.40
0.688
0.032
22.9
10.2
17.5
0.8
PVC1015
0.15
0.9
0.45
0.688
0.032
22.9
11.4
17.5
0.8
PVC1022
0.22
1.2
0.45
0.969
0.032
30.5
11.4
24.6
0.8
PVC1025
0.25
1.2
0.50
0.969
0.032
30.5
12.7
24.6
0.8
PVC1033
0.33
1.2
0.50
0.969
0.032
30.5
12.7
24.6
0.8
PVC1039
0.39
1.6
0.50
1.344
0.032
40.6
12.7
34.1
0.8
PVC1047
0.47
1.6
0.50
1.344
0.032
40.6
12.7
34.1
0.8
PVC105
0.50
1.6
0.60
1.344
0.032
40.6
15.2
34.1
0.8
PVC1056
0.56
1.6
0.60
1.344
0.032
40.6
15.2
34.1
0.8
PVC1068
0.68
1.6
0.60
1.344
0.032
40.6
15.2
34.1
0.8
PVC1082
0.82
1.6
0.65
1.344
0.032
40.6
16.5
34.1
0.8
PVC11
1.00
1.6
0.70
1.344
0.032
40.6
17.8
34.1
0.8
200 Vdc / 140 Vac
PVC211
0.010
0.7
0.33
0.500
0.032
17.8
8.4
12.7
0.8
PVC2115
0.015
0.7
0.33
0.500
0.032
17.8
8.4
12.7
0.8
PVC2118
0.018
0.7
0.33
0.500
0.032
17.8
8.4
12.7
0.8
PVC212
0.020
0.7
0.33
0.500
0.032
17.8
8.4
12.7
0.8
PVC2122
0.022
0.7
0.33
0.500
0.032
17.8
8.4
12.7
0.8
PVC2133
0.033
0.9
0.38
0.688
0.032
22.9
9.7
17.5
0.8
PVC2139
0.039
0.9
0.38
0.688
0.032
22.9
9.7
17.5
0.8
PVC214
0.040
0.9
0.38
0.688
0.032
22.9
9.7
17.5
0.8
PVC2147
0.047
0.9
0.38
0.688
0.032
22.9
9.7
17.5
0.8
PVC215
0.050
0.9
0.38
0.688
0.032
22.9
9.7
17.5
0.8
PVC2156
0.056
1.2
0.38
0.969
0.032
30.5
9.7
24.6
0.8
Ratings
Outline Drawing
RoHS Compliant



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com